Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT2M322TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXT2M322TC
Description  MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT2M322TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXT2M322TC Datasheet HTML 1Page - Diodes Incorporated ZXT2M322TC Datasheet HTML 2Page - Diodes Incorporated ZXT2M322TC Datasheet HTML 3Page - Diodes Incorporated ZXT2M322TC Datasheet HTML 4Page - Diodes Incorporated ZXT2M322TC Datasheet HTML 5Page - Diodes Incorporated ZXT2M322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXT2M322
ISSUE 3 - JANUARY 2007
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-25
-35
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-20
-25
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-25
nA
VCB=-20V
Emitter Cut-Off Current
IEBO
-25
nA
VEB=-6V
Collector Emitter Cut-Off Current
ICES
-25
nA
VCES=-16V
Collector-Emitter Saturation
Voltage
VCE(sat)
-19
-170
-190
-240
-225
-30
-220
-250
-350
-300
mV
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-1A, IB=-20mA*
IC=-1.5A, IB=-50mA*
IC=-2.5A, IB=-150mA*
IC=-3.5A, IB=-350mA*
Base-Emitter Saturation Voltage
VBE(sat)
-1.01
-1.075
V
IC=-3.5A, IB=-350mA*
Base-Emitter Turn-On Voltage
VBE(on)
-0.87
-0.95
V
IC=-3.5A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
300
300
150
15
475
450
230
30
IC=-10mA, VCE=-2V*
IC=-0.1A, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-6A, VCE=-2V*
Transition Frequency
fT
150
180
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
21
30
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
40
ns
VCC=-10V, IC=-1A
IB1=IB2=10mA
Turn-Off Time
t(off)
670
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
OBSOLETE - PLEASE USE ZXTP718MA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com