Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE330 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRE330
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRE330 Datasheet HTML 1Page - Diodes Incorporated ZXRE330 Datasheet HTML 2Page - Diodes Incorporated ZXRE330 Datasheet HTML 3Page - Diodes Incorporated ZXRE330 Datasheet HTML 4Page - Diodes Incorporated ZXRE330 Datasheet HTML 5Page - Diodes Incorporated ZXRE330 Datasheet HTML 6Page - Diodes Incorporated ZXRE330 Datasheet HTML 7Page - Diodes Incorporated ZXRE330 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
2 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
Typical Applications Circuit
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Voltages to GND Unless Otherwise Stated)
Parameter
Rating
Unit
Continuous Reverse Current
10
mA
Continuous Forward Current
10
mA
Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-65 to +150
°C
Note:
4. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum rating, for extended periods, may reduce
device reliability. Unless otherwise stated voltages specified are relative to the ANODE pin.
Package Thermal Data
Package
θJA
PDIS
TAMB = +25°C, TJ = +150°C
SOT23
415°C/W
300mW
TO92
180°C/W
700mW
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Min.
Max.
Units
Reverse Current
0.002
5
mA
Operating Ambient Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com