Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT313HQ-R Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 38Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 39Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 40Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 41Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 42Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 43Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 44Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 45Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
42
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCC(I/O)
-0.4
2.5
-
V
Ioh=6mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=6mA
Vih
Input High Voltage
0.7VCC(I/O)
-
-
V
-
Vil
Input Low Voltage
-
-
0.3VCC(I/O)
V
-
Vth
Schmitt Hysteresis
Voltage
0.28
0.39
0.5
V
-
Ipu
Input pull-up current
14
23
35
uA
Vin = 0
Rpu
Input pull-up
resistance equivalent
160K
108K
78K
ohm
Vin = 0
Ipd
Input pull-down
current
14
23
35
uA
Vin = VCC(I/O)
Rpd
Input pull-down
resistance equivalent
160K
108K
78K
ohm
Vin = VCC(I/O)
Iin
Input leakage current
-10
±1
10
uA
Vin = VCC(I/O) or
0
Ioz
Tri-state output
leakage current
-10
±1
10
uA
-
Table 6-4 Digital I/O Pin Characteristics (VCC(I/O) = +2.5V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCC(I/O)
-0.4
1.8
-
V
Ioh=3.6mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=3.6mA
Vih
Input High Voltage
0.7VCC(I/O)
-
-
V
-
Vil
Input Low Voltage
-
-
0.3VCC(I/O)
V
-
Vth
Schmitt Hysteresis
Voltage
0.25
0.35
0.5
V
-
Ipu
Input pull-up current
6
10
15
uA
Vin = 0
Rpu
Input pull-up
resistance equivalent
270K
180K
130K
ohm
Vin = 0
Ipd
Input pull-down
current
6
10
15
uA
Vin = VCC(I/O)
Rpd
Input pull-down
resistance equivalent
270K
180K
130K
ohm
Vin = VCC(I/O)
Iin
Input leakage current
-10
±1
10
uA
Vin = VCC(I/O) or
0
Ioz
Tri-state output
leakage current
-10
±1
10
uA
-
Table 6-5 Digital I/O Pin Characteristics (VCC(I/O) = +1.8V, Standard Drive Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com