Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSA23L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SSA23L
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA23L Datasheet(HTML) 2 Page - Vishay Siliconix

  SSA23L Datasheet HTML 1Page - Vishay Siliconix SSA23L Datasheet HTML 2Page - Vishay Siliconix SSA23L Datasheet HTML 3Page - Vishay Siliconix SSA23L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSA23L, SSA24
www.vishay.com
Vishay General Semiconductor
Revision: 17-Dec-12
2
Document Number: 88882
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Aluminum substrate mounted
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SSA23L
SSA24
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage (1)
2.0 A
TJ = 25 °C
VF
0.43
0.45
0.45
0.49
V
TJ = 125 °C
0.32
0.38
0.36
0.42
Maximum reverse current at rated VR (2)
TJ = 25 °C
IR
-0.5
-0.2
mA
TJ = 125 °C
15
25
12
20
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSA23L
SSA24
UNIT
Typical thermal resistance (1)
RJA
110
°C/W
RJL
28
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SSA23L-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SSA23L-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
SSA23LHE3/61T (1)
0.064
61T
1800
7" diameter plastic tape and reel
SSA23LHE3/5AT (1)
0.064
5AT
7500
13" diameter plastic tape and reel
SSA23LHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
SSA23LHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
0
1.0
1.5
2.0
2.5
75
50
25
0
100
125
150
0.5
SSA23L
SSA24
Lead Temperature (°C)
0
10
20
30
40
50
60
70
1
100
10
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com