Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX102205 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AX102205
Description  Tamper-resistant key design ??prevents intruder access
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102205 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AX102205 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102205 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102205 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIBERExpress
3
DATASheet
1-800-BELDEN-1
•
www.belden.com
Secure/Keyed LC Optimax
Packaging
> Individually packaged in a clear plastic
bag
> Standard shipping packaging is a bag
of 25 units.
> Accessory Kit:
The LC Accessory Kit contains one 2 mm
boot and a crimp sleeve.
For More Information
For any other product information call:
1-800-BELDEN-1 or visit us at
www.Belden.com
All information is subject to change
without notice, since Belden reserves
the right to change its products as progress
in engineering and manufacturing methods
or other circumstances may warrant.
Ordering Information
DETAIL
INSTALLATION
UPC
ORDERING NUMBER
Secure/Keyed LC Optimax “Patent Pending”
Multimode, 50 µm
K1, Red
for 900 µm buffered fiber only
AX102197
K2, Green
for 900 µm buffered fiber only
AX102198
K3, Yellow
for 900 µm buffered fiber only
AX102199
K4, Black
for 900 µm buffered fiber only
AX102200
K5, Orange
for 900 µm buffered fiber only
AX102201
K6, Blue
for 900 µm buffered fiber only
AX102202
Multimode, 62.5 µm
K1, Red
for 900 µm buffered fiber only
AX102203
K2, Green
for 900 µm buffered fiber only
AX102204
K3, Yellow
for 900 µm buffered fiber only
AX102205
K4, Black
for 900 µm buffered fiber only
AX102206
K5, Orange
for 900 µm buffered fiber only
AX102207
K6, Blue
for 900 µm buffered fiber only
AX102208
LC Accessory Kit for jacketed fiber
contains a 2 mm boot and a crimp sleeve
628575118045
AX101984



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com