Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX200091 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 32Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
COMMERCIAL
NETWORKING
OPT IC AL
FIBE R
16.29
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Double Jacket, Armored Cable
Loose Tube – Outdoor, and Indoor/Outdoor Riser Rated
Ratings
Riser
UL Type
OFCR
cUL Type
OFC FT4
Flame Resistance
UL 1666
Specifications
Temperature Range (Outdoor)
Storage
-50 to +80°C
Operating
-40 to +70°C
Temperature Range (Riser)
Storage
-40 to +80°C
Operating
-40 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
Direct burial
Low to high fiber count requirements
Inter-building duct installations
Indoor/outdoor
Industrial outside plant
Product Description
Gel-filled buffer tube prevents water migration. Available as
Riser rated cable, thereby eliminating the need for service entrance
splicing to in-building cable. Rodent resistant. Available in sizes up
to 216 fibers. Length markings in meters for easy determination of
cable length.
Jacket Material
Outdoor
PE
Riser
PVC
Buffer Tube
Outdoor
PBT
Riser
PVC
Strength Member
Aramid Yarn
Central Strength Member
E-Glass
Armor
Corrugated Steel Tape
Color Code (Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Black
Loose Tube Series — Armored
Outdoor
66
M9B381T
M9A381T
M9C381T
M9W381T
0.53
13.46
101
150
600
2700
12
6
M9B382T
M9A382T
M9C382T
M9W382T
0.53
13.46
102
152
600
2700
24
6
M9B384T
M9A384T
M9C384T
M9W384T
0.53
13.46
103
153
600
2700
36
6
M9B386T
M9A386T
M9C386T
M9W386T
0.53
13.46
103
153
600
2700
48
12
M9B389T
M9A389T
M9C389T
M9W389T
0.65
16.51
144
214
600
2700
72
12
M9B391T
M9A391T
M9C391T
M9W391T
0.65
16.51
142
211
600
2700
96
12
M9B398T
M9A398T
M9C398T
M9W398T
0.69
17.53
168
250
600
2700
144
12
M9B393T
M9A393T
M9C393T
M9W393T
0.87
22.10
241
359
600
2700
216
12
M9B400T
M9A400T
M9C400T
M9W400T
0.87
22.10
241
359
600
2700
Riser (NEC/CEC OFCR/OFC FT4)
66
M9B890
M9A890
M9C890
M9W890
0.54
13.72
138
205
600
2700
12
6
M9B891
M9A891
M9C891
M9W891
0.54
13.72
137
204
600
2700
24
6
M9B892
M9A892
M9C892
M9W892
0.54
13.72
136
202
600
2700
36
6
M9B893
M9A893
M9C893
M9W893
0.54
13.72
135
201
600
2700
48
12
M9B894
M9A894
M9C894
M9W894
0.66
16.76
176
262
600
2700
72
12
M9B895
M9A895
M9C895
M9W895
0.66
16.76
172
256
600
2700
96
12
M9B896
M9A896
M9C896
M9W896
0.70
17.78
206
307
600
2700
144
12
M9B897
M9A897
M9C897
M9W897
0.88
22.35
302
449
600
2700
Moisture
Blocking Gel
Thermoplastic
Tube
Multiple
250µ
Fibers
Inner Jacket
E-Glass Central
Strength Member
Outer Jacket
Fiber
Bundles
Aramid
Strength
Members
Corrugated
Steel Armor
Waterblocking
Tape
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Fibers
Per
Tube
No.
of
Fibers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com