Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC2 Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NMC2
Description  Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC2 Datasheet(HTML) 3 Page - NIC-Components Corp.

  NMC2 Datasheet HTML 1Page - NIC-Components Corp. NMC2 Datasheet HTML 2Page - NIC-Components Corp. NMC2 Datasheet HTML 3Page - NIC-Components Corp. NMC2 Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
NMC Series X7R
Multilayer Ceramic Chip Capacitors
X7R CAPACITOR SIZE CHART (mm)
EIA Case Size
1206
1210
1812
2225
Length (L)
3.2±0.2
3.2±0.2
4.5±0.3
5.7±0.4
Width (W)
1.6±0.2
2.5±0.2
3.2±0.25
6.35±0.25
Thickness max. (T)
1.80
1.80
1.8
1.80
Termination Width (P)
0.25 ~ 0.71
0.25~0.75
0.25 ~ 0.75
0.25 ~ 1.02
Capacitance
Working Voltage (Vdc)
10 16 25 50 100 10 16 25 35 50 100 10 16 25 50 100 25 50 100
150pF ~ 910pF
0.001
0.0012
μF
0.0015
μF
0.0018
μF
0.0022
μF
0.0027
μF
0.0033
μF
0.0036
μF
0.0039
μF
0.0043
μF
0.0047
μF
0.0056
μF
0.0068
μF
0.0075
μF
0.0082
μF
0.01
μF
0.012
μF
0.015
μF
0.018
μF
0.022
μF
0.027
μF
0.033
μF
0.036
μF
0.039
μF
0.043
μF
0.047
μF
0.056
μF
0.068
μF
0.082
μF
0.1
μF
0.12
μF
0.15
μF
0.18
μF
0.22
μF
0.27
μF
0.33
μF
0.39
μF
0.47
μF
0.56
μF
0.68
μF
0.82
μF
**
* 2.20mm maximum thickness
See NMC High CV series for values above 0.82
μF
P
P
L
W
H
100% Sn over Ni barrier



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com