Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX102901 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX102901
Description  Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102901 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX102901 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102901 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102901 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
KeyConnect Modular Furniture Adapter, 4 Port
Usage (Overall)
Suitable Applications:
- Compatible with a variety of modules that are suitable for use with Belden
IBDN Systems 10GX, 4800,3600, 2400 and 1200.
Related Parts:
- Compatible with 10GX, CAT6+ and CAT5E KeyConnect UTP and Multimedia
Modules
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
4 inserts
Access
Front Connection:
Flush
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
1.840
3.130
0.190
Materials
Materials:
Description
Material
Modular Furniture Adapter Plastic - UL94V-0
Color
Color:
Black
Weight
Weight:
0.040 lbs.
Included Parts
Included Parts:
installation sheet, blank
Packaging
Packaging:
Individually packaged in a plastic bag.
Mechanical Characteristics (Connectivity)
Footprint/Type:
KeyConnect
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
Yes
Page 1 of 2
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX102901 Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port


Similar Part No. - AX102901

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX102901 BELDEN-AX102901 Datasheet
170Kb / 2P
KeyConnect Modular Furniture Adapter, 3 or 4-Port
03-04-2023
More results

Similar Description - AX102901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102249 ETC2-AX102249 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102261 ETC2-AX102261 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102262 ETC2-AX102262 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102263 ETC2-AX102263 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102266 ETC2-AX102266 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
AX103927 ETC2-AX103927 Datasheet
100Kb / 2P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
logo
Belden Inc.
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com