Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFN2626P10 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFN2626P10
Description  ZXRD060 0.6V dual shunt regulator in DFN2626P10 packaging
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN2626P10 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFN2626P10 Datasheet HTML 1Page - Diodes Incorporated DFN2626P10 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Update
Product
ZXRD060
Issue Number │001
August 2011
ZXRD060 dual 0.6V shunt regulator
in DFN2626P10 packaging
in DFN2626P10 packaging
ZXRD060
2
0.6
0.5 & 12 to 18
45
0.2 to 18 ‐40 to 125 DFN2626P10
Ordering information
To find out more information:
Op‐amp overview page
http://www.diodes.com/products/catalog/list_extended.php?parent‐
id=186&sub=separate
Datasheet 
http://www.diodes.com/datasheets/ZXRD060.pdf
Tol.
Order Code
Part
Ident
Code
Reel Size
Tape 
Width
Quantity 
per Reel
0.5%
ZXRD060AFK‐7
DFN2626P10
S6A
7”,  180mm
8mm
3000
1%
ZXRD060FK‐7
DFN2626P10
S06
7” 180mm
8mm
3000
All variants are in packages are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
1%
ZXRD060FK‐7
DFN2626P10
S06
7 ,  180mm
8mm
3000
www.diodes.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com