Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW16N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW16N65M5
Description  N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW16N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW16N65M5 Datasheet HTML 4Page - STMicroelectronics STW16N65M5 Datasheet HTML 5Page - STMicroelectronics STW16N65M5 Datasheet HTML 6Page - STMicroelectronics STW16N65M5 Datasheet HTML 7Page - STMicroelectronics STW16N65M5 Datasheet HTML 8Page - STMicroelectronics STW16N65M5 Datasheet HTML 9Page - STMicroelectronics STW16N65M5 Datasheet HTML 10Page - STMicroelectronics STW16N65M5 Datasheet HTML 11Page - STMicroelectronics STW16N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STF/I/P/U/W16N65M5
8/20
Doc ID 15210 Rev 4
Figure 14.
Gate charge vs gate-source voltage Figure 15.
Normalized on resistance vs
temperature
Figure 16.
Normalized gate threshold voltage
vs temperature
Figure 17.
Source-drain diode forward
characteristics
Figure 18.
Switching losses vs gate resistance
(1)
1.
Eon including reverse recovery of a SiC diode
VGS
6
4
2
0
0
10
Qg(nC)
(V)
8
25
10
VDD=520V
ID=6A
12
5
15
20
30
35
100
200
300
400
500
VDS
AM03182v1
RDS(on)
1.7
1.5
1.3
0.5
-50
0
TJ(°C)
(norm)
50
100
0.7
0.9
1.1
2.1
1.9
VGS=10V
ID=6.5V
AM03185v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
1.10
50
100
ID=250µA
AM03184v1
VSD
0
5
ISD(A)
(V)
10
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=25°C
TJ=150°C
TJ=-25°C
AM03186v1
E
60
40
20
0
0
20
RG(
Ω)
(
μJ)
10
30
80
100
40
Eon
Eoff
AM10359v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com