Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-432 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW-432
Description  P R INT E D C I RCUI T T R ANS FORME R S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW-432 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW-432 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-432 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

P R i N T E D C i R C u i T T R A N S F O R M E R S
“Side-Winder” SW/DSW Series
“Side-Winder” SW Series
“Side-Winder” DSW Series
l
mw
w
H
c
b
A
A
5
.216
cleArAnce Hole
sIzes 4, 5, & 6
.125 ± .015 dIA.
.020 X .041
6
7 8
l
mw
w
H
c
b
A
A
5
.216
cleArAnce Hole
sIzes 4, 5, & 6
.125 ± .015 dIA.
.020 X .041
6
7 8
lIne
lIne
1
5
6
4
7
8
l
o
A
D
PRImARy
115V
50/60hz
sWTyPe/sInGleInPUT
seconDARy
FoRseRIes:
connecT6&7
FoRPARAllel:
connecT5&7
6&8
lIne
lIne
1
5
6
2
3
4
7
8
PRImARy
115/230V
50/60hz
FoR230V:
connecT2&3
FoR115V:
connecT1&3
2&4
DsWTyPe/DUAlInPUT
seconDARy
FoRseRIes:
connecT6&7
FoRPARAllel:
connecT5&7
6&8
l
o
A
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com