Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # UA741ID
Description  General-purpose single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UA741ID Datasheet HTML 2Page - STMicroelectronics UA741ID Datasheet HTML 3Page - STMicroelectronics UA741ID Datasheet HTML 4Page - STMicroelectronics UA741ID Datasheet HTML 5Page - STMicroelectronics UA741ID Datasheet HTML 6Page - STMicroelectronics UA741ID Datasheet HTML 7Page - STMicroelectronics UA741ID Datasheet HTML 8Page - STMicroelectronics UA741ID Datasheet HTML 9Page - STMicroelectronics UA741ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
UA741
6/11
DocID5304 Rev 3
GBP
Gain bandwidth product
Vi = 10 mV, RL = 2 kΩ, CL = 100 pF, f =100 kHz
0.7
1
MHz
THD
Total harmonic distortion
f = 1 kHz, Av = 20 dB, RL = 2 kΩ, Vo = 2 Vpp, CL = 100 pF,
Tamb = +25° C
0.06
%
en
Equivalent input noise voltage
f = 1 kHz, Rs = 100 Ω
23
∅m
Phase margin
50
Degree
Table 3. Electrical characteristics at VCC = ±15 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com