Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3006 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3006
Description  High current 40V Gate Driver reduces IGBT switching losses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3006 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3006 Datasheet HTML 1Page - Diodes Incorporated ZXGD3006 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZXGD3006E6 is a Gate Driver capable of driving 10 Amps into an IGBT gate capacitive
load from 40V supply.
4A output from 1mA input
Typically provides a drive current of 4A for an input of 1mA, making it a perfect
high-gain buffer stage between the high output impedance of a controller and the
low input impedance of a IGBT.
40V wide operating voltage
Full enhancement to minimize on-state losses and permits +20V to -18V gate
driving to prevent dV/dt induced false triggering of IGBTs.
Resistant to latch-up and shoot-through issues
Emitter-follower configuration means that the ZXGD3006E6 is inherently resistant
to latch-up and shoot-through issues
Short propagation delay with controlled rise and fall times
Propagation delay <10ns from the emitter-follower configuration can rapidly track
input, whilst separate source and sink outputs allow tailored control of the rise and
fall charging times to minimise the risk of EMI and cross conduction issues.
Reduced parasitic trace inductances
SOT26 device pin-out has been optimised enabling a simplification of PCB layouts
and a reduction in parasitic trace inductances.
AEC-Q101, “Green” and RoHS Compliant
The ZXGD3006E6 is qualified to AEC-Q101 standard, are RoHS compliant and has
insignificant levels of halogens or antimony compounds.
The Diodes’ Advantage
www.diodes.com
Diodes Incorporated has
extended its family of
dedicated Gate Drivers for
the switching of IGBTs and
MOSFETs in, solar
inverters, power supplies
and motor drive circuits.
ZXGD3006E6 is designed
for IGBT gate driving with
a 40V operating range
and delivering upto10
Amp source/sink currents.
The capability of this Gate
Driver also means it
excellent for driving SiC
MOSFETs.
The ZXGD3006E6 can
drive typically 4A into the
low gate impedance of an
IGBT, with just 1mA input
from a controller. Also,
the turn-on and turn-off
switching behavior of the
IGBT can be individually
tailored to suit an
application. In particular,
by defining the switching
characteristics
appropriately, EMI and
cross conduction
problems can be reduced.
In delivering higher pulse
currents than competing
devices, this rugged
SOT26 packaged Gate
Driver ensures heat
dissipation is reduced,
resulting in an increase in
system reliability.
Issue Number | 001
June 2011
New Product
Announcement
High current 40V Gate Driver
reduces IGBT switching losses
High current IGBTs and MOSFETs have relatively large gate capacitances which need to
be charged and discharged during switching. To increase the operational frequency of
the switch, the driving circuit needs to be able to source and sink a large volume of
charge into and out of the gate in a controllable method.
Circuit Function
ZXGD3006E6


Similar Part No. - ZXGD3006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
168Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 1
ZXGD3006E6Q DIODES-ZXGD3006E6Q Datasheet
768Kb / 9P
40V 10A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6QTA DIODES-ZXGD3006E6QTA Datasheet
768Kb / 9P
40V 10A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6TA DIODES-ZXGD3006E6TA Datasheet
168Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 1
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 4
More results

Similar Description - ZXGD3006

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
High Current IGBT Gate Driver
August, 2016 ??Rev. 1
logo
STMicroelectronics
STTH8R06-Y STMICROELECTRONICS-STTH8R06-Y Datasheet
125Kb / 8P
Reduces switching losses
03-Nov-2011
STTH15AC06 STMICROELECTRONICS-STTH15AC06 Datasheet
305Kb / 8P
Reduces switching and conduction losses
24-Apr-2015
logo
ON Semiconductor
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com