Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXFBF08 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXFBF08
Description  8 Channel Buffer Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFBF08 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXFBF08 Datasheet HTML 1Page - Diodes Incorporated ZXFBF08 Datasheet HTML 2Page - Diodes Incorporated ZXFBF08 Datasheet HTML 3Page - Diodes Incorporated ZXFBF08 Datasheet HTML 4Page - Diodes Incorporated ZXFBF08 Datasheet HTML 5Page - Diodes Incorporated ZXFBF08 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 2 - OCTOBER 2000
4
APPLICATION CIRCUIT
AC Coupled Configuration
NOTE.
Rs: Source Resistor, provides DC bias for buffer input. Rs
10k
Ω
Both 100nF decoupling capacitors should be situated close to device supply pins.
TYPICAL CHARACTERISTICS
0.1
1
10
-100
-90
-80
-70
-60
-50
-40
-50
-25
0
255075
100
0.986
0.987
0.988
0.989
0.990
0.991
Channel Isolation v Frequency
Frequency (MHz)
RL =1k Ω
V+=5V
DC Differential Gain v Temperature
Temperature (°C)
C
V-
RL
+
_
1/8 ZXFBF08
V+
100nF
100nF
RS
Vout
Vin
ZXFBF08



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com