Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXFBF04 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXFBF04
Description  4 Channel Buffer Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFBF04 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXFBF04 Datasheet HTML 1Page - Diodes Incorporated ZXFBF04 Datasheet HTML 2Page - Diodes Incorporated ZXFBF04 Datasheet HTML 3Page - Diodes Incorporated ZXFBF04 Datasheet HTML 4Page - Diodes Incorporated ZXFBF04 Datasheet HTML 5Page - Diodes Incorporated ZXFBF04 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISSUE 2 - OCTOBER 2000
2
Vin=370mV pk-pk,
F=4 MHz
RL = 1k
Ω
Vout
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
20V (relative to V-)
Operating temperature range
0 to 70°C (de-rated for -40 to 85°C)
Storage Temperature
-55 to 125°C
ELECTRICAL CHARACTERISTICS
Test Conditions: Temperature =25°C, V+ = 5.00, V- = -5.00V, RL = 1k
Ω, CL = 10pF
Parameter
Conditions
Min.
Typical
Max.
Units
Offset Voltage
Vin = 0V
-12
-
12
mV
Offset Voltage Drift
Vin = 0V
20
V/°C
Supply Current
All inputs = 0V
5.0
7.6
12
mA
Input Bias Current
Vin = 0V
0.1
0.5
2.0
µA
Output Voltage
RL =1kΩ
RL = 10kΩ
±1
±4
V
DC Gain
Vin = ± 0.5V, RL =1kΩ
Voffset = 0.0V
0.95
0.98
1.00
V/V
DC Gain
Vin = ±0.5V, RL =1kΩ
Voffset = 0.25V
0.95
0.99
1.00
V/V
Sink Current
Vin =0V, Vout =0.5V
1.0
2.2
5.0
mA
Source Current
Vin =0V, Vout =-0.5V
6.0
9.0
12.0
mA
Input Resistance
10
20
100
M
Ω
Output Resistance
5
10
15
Ω
Bandwidth
20mVp-p,
1.0Vp-p
100
20
MHz
Slew Rate
40
V/
µs
Voltage Noise
10 – 100 kHz
15
nV/
√Hz
Differential Gain
NTSC
F = 3.58MHz, Vin = 0.286Vp-p,
DC
∆V
in = 0 to 0.714V
0.1
%
Differential Phase
NTSC
0.15
Degrees
Differential Gain
PAL
F = 4.43MHz, Vin = 0.286Vp-p,
DC
∆V
in = 0 to 0.714V
0.1
%
Differential Phase
PAL
0.15
Degrees
Channel Isolation
Vin = 370mVp-p, RL = 1kΩ
F=4MHz
-60
dB
NOTES
Test circuit for measuring channel isolation.
Channel Isolation = 20 x LOG10 (Vout /Vin)dB
ZXFBF04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com