Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT549TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT549TA
Description  30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT549TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT549TA Datasheet HTML 1Page - Diodes Incorporated FMMT549TA Datasheet HTML 2Page - Diodes Incorporated FMMT549TA Datasheet HTML 3Page - Diodes Incorporated FMMT549TA Datasheet HTML 4Page - Diodes Incorporated FMMT549TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FMMT549 / FMMT549A
Document Number: DS33098 Rev. 4 - 2
1 of 5
www.diodes.com
September 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT549 / FMMT549A
30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Features and Benefits
•
BVCEO > -30V
•
Maximum Continuous Collector Current IC = -1A
•
500mW power dissipation
•
Complementary type:
o
FMMT549 – FMMT449
o
FMMT549A – N/A
•
Lead Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
UL Flammability Rating 94V-0
•
Case material: molded Plastic.
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish; Solderable per MIL-STD-202,
Method 208
•
Weight: 0.008 grams (Approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT549TA
549
7
8
3,000
FMMT549ATA
59A
7
8
3,000
Notes:
1. No purposefully added lead.
2. Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
3. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
xxx = Product Type Marking Code
FMMT549: xxx = 549
FMMT549A: xxx = 59A
C
E
B
Top View
SOT23
Device Symbol
Top View
Pin-Out
xxx


Similar Part No. - FMMT549TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT549 ZETEX-FMMT549 Datasheet
122Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Fairchild Semiconductor
FMMT549 FAIRCHILD-FMMT549 Datasheet
25Kb / 3P
PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549 Datasheet
151Kb / 5P
PNP Low Saturation Transistor
logo
Guangdong Kexin Industr...
FMMT549 KEXIN-FMMT549 Datasheet
36Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
OCTOBER 1995
More results

Similar Description - FMMT549TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA93 ZETEX-FMMTA93 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520 Datasheet
60Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
logo
Zetex Semiconductors
FMMTA92TA ZETEX-FMMTA92TA Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549_15 Datasheet
225Kb / 5P
30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMT6520 DIODES-FMMT6520_15 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMTA92 DIODES-FMMTA92_15 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com