Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC730231 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC730231
Description  Quad High Speed SOIC Op Amp Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC730231 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC730231 Datasheet HTML 1Page - National Semiconductor (TI) CLC730231 Datasheet HTML 2Page - National Semiconductor (TI) CLC730231 Datasheet HTML 3Page - National Semiconductor (TI) CLC730231 Datasheet HTML 4Page - National Semiconductor (TI) CLC730231 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CLC730231 Quad High Speed SOIC Op Amp Evaluation
Board
General Description
The CLC730231 evaluation board is designed to aid in the
characterization of National Semiconductor’s High Speed
quad SOIC operational amplifiers.
Use the evaluation board as a guide for high frequency
layout and as a tool to aid in device testing and character-
ization.
The evaluation board schematic is shown below in Figure 1.
Refer to the product data sheets for recommendations for
component values.
Basic Operation
By changing RIN and ROUT different input and output im-
pedances can be matched. The SMA connectors and board
traces are optimized for 50 to 75
Ω operation. Other imped-
ances can be matched but performance may be noticeably
different, especially high frequency response. Even with op-
timal layout board parasitics play a large part in high fre-
quency performance and different termination resistors will
change the frequency of the dominant parasitic poles/zeros.
Layout Considerations
Printed circuit board layout and supply bypassing play major
roles in determining high frequency performance. When de-
signing your own board use these evaluation boards as a
guide and follow these steps to optimize high frequency
performance:
1.
Use a ground plane
2.
Include large (~6.8 µF) capacitors on both supplies.
3.
Near the device use .01 µF ceramic capacitors from both
supplies to ground C1, C2.
4.
Remove the ground and power planes from under and
around the part, especially the input and output pins.
5.
Minimize all trace lengths
6.
Use terminated transmission lines for long traces.
Sample artwork for the CLC730231 Evaluation board is
included on the next page in Figure 2.
Inverting Operation
With slight modification this board can be modified for invert-
ing operation. Cut the input trace between the SMA connec-
tor and the RIN resistor leaving RIN connected to the non
inverting pin ( the non-inverting input needs a DC bias cur-
rent path). Solder a resistor between the input line and the
inverting input side of R
F (the side closest to the input trace).
Leave R
G empty and all other components should be loaded
as marked. For matching input impedance a parallel termi-
nating resistor can be added from the input line to the
unused ground pad from the empty R
G space. The neces-
sary trace cuts are shown in Figure 4.
Measurement Hints
The board is designed for 50
Ω input and output connections
into coaxial cables. For other impedances the terminating
resistors can be modified to help match different imped-
ances.
Do not use normal oscilloscope probes to test these circuits.
The capacitive loading will change circuit performance dras-
tically. Instead use low impedance resistive divider probes of
100 to 500
Ω. See Figure 3 for a sample resistive probe. The
Low impedance resistor should be 50- 450
Ω. The ground
connection should be as short as possible (~1/2”). Even with
careful use of these probes results should be considered
preliminary until verified with controlled impedance measure-
ments. Even the best probes will interfere with circuit opera-
tion to some degree. Also, tools, power cables, fingers etc.
near the device will change measurement results often
dramatically.
March 2004
© 2004 National Semiconductor Corporation
MS200972
www.national.com


Similar Part No. - CLC730231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC730245 TI2-CLC730245 Datasheet
1Mb / 40P
LMH6559 High-Speed, Closed-Loop Buffer
REVISED MARCH 2013
More results

Similar Description - CLC730231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-732 AD-AN-732 Datasheet
277Kb / 4P
Universal Precision Op Amp Evaluation Board in SOIC Package
REV. A
UG-127 AD-UG-127 Datasheet
452Kb / 8P
Evaluation Board for High Speed Op Amps
REV. A
AD713 AD-AD713_11 Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
logo
National Semiconductor ...
CLC730131 NSC-CLC730131 Datasheet
322Kb / 8P
Quad TSSOP Op Amp Evaluation Board
logo
Analog Devices
AD713 AD-AD713_15 Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
UG-112 AD-UG-112 Datasheet
180Kb / 8P
Evaluation Board for Single, High Speed Op Amps
Rev. B
AD713 AD-AD713_17 Datasheet
383Kb / 21P
Precision, High Speed, BiFET Quad Op Amp
7/11-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com