Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR458 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZR458
Description  PRECISION 2.45 VOLT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR458 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZR458 Datasheet HTML 1Page - Diodes Incorporated ZR458 Datasheet HTML 2Page - Diodes Incorporated ZR458 Datasheet HTML 3Page - Diodes Incorporated ZR458 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E-Line, 2 pin, Package Suffix – Y
Bottom View
Part No
Tol%
TC Option
Package Partmark
ZR458
1
100ppm/ °C max
E-Line † ZR458
ZR458A
1
50ppm/ °C max
E-Line † ZR458A
† E-Line, 2 pin
CONNECTION DIAGRAMS
ZR458
ORDERING INFORMATION
4-199
Not Recommended for New Design
Please Use ZRC250F01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com