Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC670M-TO46GL Datasheet(PDF) 1 Page - Rochester Electronics

Part # VC670M-TO46GL
Description  WIEDNER HAUPSTRASSE 76
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

VC670M-TO46GL Datasheet(HTML) 1 Page - Rochester Electronics

  VC670M-TO46GL Datasheet HTML 1Page - Rochester Electronics VC670M-TO46GL Datasheet HTML 2Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
VC670M-TO46GL
v 1.0 1.07.2014
Description
VC670M-TO46GL is a multi mode red VCSEL emitting at typically 670 nm with rated output power of
1.0 mW cw, mounted into a standard TO-46 package and sealed with a flat window cap. The VCSEL
works under low forward current and voltage.
Maximum Ratings
Parameter
Symbol
Values
Min.
Max.
Unit
Forward Current
IF
8
mA
Reverse Voltage (@ 10µA)
VF
5
V
Operating Temperature
TCASE
- 20
+ 50
°C
Storage Temperature
TSTG
- 40
+ 85
°C
Lead Solder Temperature *
TSLD
+ 260
°C
* must be completed within 10 seconds
Laser Characteristics (T
CASE=25°C)
Thermal Characteristics
Parameter
Symbol
Values
Min.
Typ.
Max.
Unit
Emission Wavelength
λ
Peak
660
670
690
nm
Spectral Width
∆λ
0.85
nm
Optical Output Power
PO
1.0
mW
Threshold Current
ITH
2.0
3.5
mA
Operating Current
IF
5
mA
Operating Voltage
VF
2.1
2.5
V
Beam Divergence (Full Width)
Ө
2
deg
Slope Efficiency
η
0.2
0.3
mW/mA
Dynamic Resistance
RD
60
90
Ω
Parameter
Symbol
Values
Min.
Typ.
Max.
Test Conditions
Unit
Max. Operating Temperature
Optical Output Power
PT=50°C
0.5
TC=50°C, 5mA
mW
ITH Temperature Variation
ΔITH
1.5
TC=-20 to 50°C
mA
η Temperature Variation
Δη / ΔT
-0.8
TC=-20 to 50°C,5mA
%/°C
λ Temperature Variation
Δλ / ΔT
0.05
TC=-20 to 50°C,5mA
nm/°C


Similar Part No. - VC670M-TO46GL

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
VC670M-TO46FW ROCHESTER-VC670M-TO46FW Datasheet
679Kb / 3P
WIEDNER HAUPSTRASSE 76
logo
Roithner LaserTechnik G...
VC670M-TO46FW-2 ROITHNER-VC670M-TO46FW-2 Datasheet
431Kb / 3P
red vcsel
logo
Rochester Electronics
VC670M-TO46FW-PD ROCHESTER-VC670M-TO46FW-PD Datasheet
487Kb / 3P
WIEDNER HAUPSTRASSE 76
logo
Roithner LaserTechnik G...
VC670M-TO46FW-PD ROITHNER-VC670M-TO46FW-PD Datasheet
466Kb / 3P
red vcsel
More results

Similar Description - VC670M-TO46GL

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
VC670M-TO46FW ROCHESTER-VC670M-TO46FW Datasheet
679Kb / 3P
WIEDNER HAUPSTRASSE 76
VC670M-TO46FW-PD ROCHESTER-VC670M-TO46FW-PD Datasheet
487Kb / 3P
WIEDNER HAUPSTRASSE 76
VC670S-TO46FW ROCHESTER-VC670S-TO46FW Datasheet
440Kb / 3P
WIEDNER HAUPSTRASSE 76
VC850M-H2-TO46FW ROCHESTER-VC850M-H2-TO46FW Datasheet
801Kb / 3P
WIEDNER HAUPSTRASSE 76
VC850M-H-TO46FW ROCHESTER-VC850M-H-TO46FW Datasheet
462Kb / 2P
WIEDNER HAUPSTRASSE 76
VC850M-H-TO46FW-PD ROCHESTER-VC850M-H-TO46FW-PD Datasheet
458Kb / 3P
WIEDNER HAUPSTRASSE 76
VC850M-SMD ROCHESTER-VC850M-SMD Datasheet
436Kb / 2P
WIEDNER HAUPSTRASSE 76
VC850M-TO46GL ROCHESTER-VC850M-TO46GL Datasheet
503Kb / 2P
WIEDNER HAUPSTRASSE 76
VC850M-TO46GL-3PIN ROCHESTER-VC850M-TO46GL-3PIN Datasheet
594Kb / 2P
WIEDNER HAUPSTRASSE 76
VC850S-SMD ROCHESTER-VC850S-SMD Datasheet
472Kb / 2P
WIEDNER HAUPSTRASSE 76
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com