Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-SW331M6.3V6.3x7F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-SW331M6.3V6.3x7F
Description  Miniature Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-SW331M6.3V6.3x7F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-SW331M6.3V6.3x7F Datasheet HTML 1Page - NIC-Components Corp. NRE-SW331M6.3V6.3x7F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-SW Series
RIPPLE CURRENT CORRECTION FACTORS
Frequency (Hz)
120
1K
10K
<100K
4x7
0.50
0.70
0.93
1.00
5x7
0.60
0.80
0.93
1.00
6.3x7
0.70
0.85
0.93
1.00
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NRE-SW220M6.3V4x7F
22
6.3
0.24
50
4.2
1,000
NRE-SW330M6.3V5x7F
33
0.24
85
2.0
1,000
NRE-SW470M6.3V5x7F
47
0.24
85
2.0
1,000
NRE-SW101M6.3V6.3x7F
100
0.24
120
1.2
1,000
NRE-SW221M6.3V6.3x7F
220
0.24
120
1.2
1,000
NRE-SW331M6.3V6.3x7F
330
0.24
120
1.2
1,000
NRE-SW220M10V5x7F
22
10
0.21
85
4.2
1,000
NRE-SW330M10V5x7F
33
0.21
85
2.0
1,000
NRE-SW470M10V6.3x7F
47
0.21
120
1.2
1,000
NRE-SW101M10V6.3x7F
100
0.21
120
1.2
1,000
NRE-SW221M10V6.3x7F
220
0.21
120
1.2
1,000
NRE-SW100M16V4x7F
10
16
0.18
50
4.2
1,000
NRE-SW220M16V5x7F
22
0.18
85
2.0
1,000
NRE-SW330M16V6.3x7F
33
0.18
120
1.2
1,000
NRE-SW470M16V6.3x7F
47
0.18
120
1.2
1,000
NRE-SW101M16V6.3x7F
100
0.18
120
1.2
1,000
NRE-SW221M16V6.3x7F
220
0.18
120
1.2
1,000
NRE-SW4R7M25V4x7F
4.7
25
0.14
50
4.2
1,000
NRE-SW100M25V5x7F
10
0.14
85
2.0
1,000
NRE-SW220M25V6.3x7F
22
0.14
120
1.2
1,000
NRE-SW330M25V6.3x7F
33
0.14
120
1.2
1,000
NRE-SW470M25V6.3x7F
47
0.14
120
1.2
1,000
NRE-SW101M25V6.3x7F
100
0.14
120
1.5
1,000
NRE-SW4R7M35V4x7F
4.7
35
0.12
40
6.0
1,000
NRE-SW100M35V5x7F
10
0.12
70
3.1
1,000
NRE-SW220M35V6.3x7F
22
0.12
100
1.6
1,000
NRE-SW330M35V6.3x7F
33
0.12
100
1.6
1,000
NRE-SW470M35V6.3x7F
47
0.12
100
1.6
1,000
NRE-SW101M35V6.3x7F
100
0.12
100
1.6
1,000
NRE-SW1R0M50V4x7F
1.0
50
0.10
30
10.0
1,000
NRE-SW2R2M50V4x7F
2.2
0.10
35
7.8
1,000
NRE-SW3R3M50V4x7F
3.3
0.10
40
6.2
1,000
NRE-SW4R7M50V5x7F
4.7
0.10
70
3.1
1,000
NRE-SW100M50V6.3x7F
10
0.10
100
1.6
1,000
NRE-SW220M50V6.3x7F
22
0.10
100
1.6
1,000
NRE-SW330M50V6.3x7F
33
0.10
100
1.6
1,000
NRE-SW470M50V6.3x7F
47
0.10
100
1.6
1,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com