Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR3003 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # TR3003
Description  303.825 MHz Hybrid Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR3003 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button TR3003 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 7 of 12
©2008 by RF Monolithics, Inc.
TR3003 - 4/4/08
The transmitter RF output power is proportional to the input current
to the TXMOD pin. A series resistor is used to adjust the peak
transmitter output power. 1.5 dBm of output power requires about
250 µA of input current.
Transceiver Mode Control
The four transceiver operating modes – receive, transmit ASK,
transmit OOK, and power-down (sleep), are controlled by the
Modulation & Bias Control function, and are selected with the
CNTRL1 and CNTRL0 control pins. Setting CNTRL1 and CNTRL0
both high place the unit in the receive mode. Setting CNTRL1 high
and CNTRL0 low place the unit in the ASK transmit mode. Setting
CNTRL1 low and CNTRL0 high place the unit in the OOK transmit
mode. Setting CNTRL1 and CNTRL0 both low place the unit in the
power-down (sleep) mode. Note that the resistor driving TXMOD
must be low in the receive and power-down modes. The PWIDTH
resistor must also be low in the power down mode to minimize
current. CNTRL1 and CNTRL0 are CMOS compatible inputs.
These inputs must be held at a logic level; they cannot be left
unconnected.
Transceiver Event Timing
Transceiver event timing is summarized in Table 1. Please re-
fer to this table for the following discussions.
Turn-On Timing
The maximum time tPR required for the receive function to become
operational at turn on is influenced by two factors. All receiver
circuitry will be operational 5 ms after the supply voltage reaches
2.2 Vdc. The BBOUT-CMPIN coupling-capacitor is then DC
stabilized in 3 time constants (3*tBBC). The total turn-on time to
stable receiver operation for a 10 ms power supply rise time is:
tPR = 15 ms + 3*tBBC
The maximum time required for either the OOK or ASK transmitter
mode to become operational is 5 ms after the supply voltage
reaches 2.2 Vdc.
Receive-to-Transmit Timing
After turn on, the maximum time required to switch from receive to
either transmit mode is 12 µs. Most of this time is due to the start-
up of the transmitter oscillator.
Transmit-to-Receive Timing
The maximum time required to switch from the OOK or ASK
transmit mode to the receive mode is 3*tBBC, where tBBC is the
BBOUT- CMPIN coupling-capacitor time constant. When the
operating temperature is limited to 60 oC, the time required to
switch from transmit to receive is dramatically less for short
transmissions, as less charge leaks away from the
BBOUT-CMPIN coupling capacitor.
Sleep and Wake-Up Timing
The maximum transition time from the receive mode to the power-
down (sleep) mode tRS is 10 µs after CNTRL1 and CNTRL0 are
both low (1 µs fall time).
The maximum transition time from either transmit mode to the
sleep mode (tTOS and tTAS) is 10 µs after CNTRL1 and CNTRL0
are both low (1 µs fall time).
The maximum transition time tSR from the sleep mode to the
receive mode is 3*tBBC, where tBBC is the BBOUT-CMPIN
coupling-capacitor time constant. When the operating temperature
is limited to 60 oC, the time required to switch from sleep to receive
is dramatically less for short sleep times, as less charge leaks
away from the BBOUT- CMPIN coupling capacitor.
The maximum time required to switch from the sleep mode to
either transmit mode (tSTO and tSTA) is 16 µs. Most of this time is
due to the start-up of the transmitter oscillator.
AGC Timing
The maximum AGC engage time tAGC is 5 µs after the reception of
a -30 dBm RF signal with a 1 µs envelope rise time.
The minimum AGC hold-in time is set by the value of the capacitor
at the AGCCAP pin. The hold-in time tAGH = CAGC/19.1, where
tAGH is in µs and CAGC is in pF.
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the
capacitor at the PKDET pin. The attack time tPKA = CPKD/4167,
where tPKA is in µs and CPKD is in pF. The Peak Detector decay
time constant tPKD = 1000*tPKA.
Pulse Generator Timing
In the low data rate mode, the interval tPRI between the falling edge
of an ON pulse to the first RF amplifier and the rising edge of the
next ON pulse to the first RF amplifier is set by a resistor RPR
between the PRATE pin and ground. The interval can be adjusted
between 0.1 and 5 µs with a resistor in the range of 51 K to 2000
K. The value of the RPR is given by:
RPR = 404* tPRI + 10.5, where tPRI is in µs, and RPR is in kilohms
In the high data rate mode (selected at the PWIDTH pin) the
receiver RF amplifiers operate at a nominal 50%-50% duty cycle.
In this case, the period tPRC from the start of an ON pulse to the
first RF amplifier to the start of the next ON pulse to the first RF
amplifier is controlled by the PRATE resistor over a range of 0.1 to
1.1 µs using a resistor of 11 K to 220 K. In this case RPR is given
by:
RPR = 198* tPRC - 8.51, where tPRC is in µs and RPR is in kilohms
In the low data rate mode, the PWIDTH pin sets the width of the
ON pulse to the first RF amplifier tPW1 with a resistor RPW to
ground (the ON pulse width to the second RF amplifier tPW2 is set
at 1.1 times the pulse width to the first RF amplifier in the low data
rate mode). The ON pulse width tPW1 can be adjusted between
0.55 and 1 µs with a resistor value in the range of 200 K to 390 K.
The value of RPW is given by:
RPW = 404* tPW1 - 18.6, where tPW1 is in µs and RPW is in kilohms
However, when the PWIDTH pin is connected to Vcc through a 1
M resistor, the RF amplifiers operate at a nominal 50%-50% duty
cycle, facilitating high data rate operation. In this case, the RF
amplifiers are controlled by the PRATE resistor as described
above.
LPF Group Delay
The low-pass filter group delay is a function of the filter 3 dB
bandwidth, which is set by a resistor RLPF to ground at the LPFADJ
pin. The minimum 3 dB bandwidth fLPF = 1445/RLPF, where fLPF is
in kHz, and RLPF is in kilohms.
The maximum group delay tFGD = 1750/fLPF = 1.21*RLPF, where
tFGD is in µs, fLPF in kHz, and RLPF in kilohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com