Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D38999/20SA35PA. Datasheet(PDF) 33 Page - Amphenol Corporation

Part # D38999/20SA35PA.
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

D38999/20SA35PA. Datasheet(HTML) 33 Page - Amphenol Corporation

Back Button D38999/20SA35PA. Datasheet HTML 29Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 30Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 31Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 32Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 33Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 34Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 35Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 36Page - Amphenol Corporation D38999/20SA35PA. Datasheet HTML 37Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
31
2.008 MAX
51.00 MAX
BLUE
BAND †
1.687 MAX
42.85 MAX
2.030 MAX
51.56 MAX
**
.100 MAX
2.54 MAX
OUTER SLEEVE MOVEMENT
DURING UNMATING
THREAD RELEASE
2.000 MAX
50.80 MAX
ACCESS.
DIA
LANYARD LENGTH
(See Lanyard Length Table)
METRIC
THREAD
M37X
1.0-6g0.100R
**
2.000 MAX
50.80 MAX
ACCESS.
DIA
.374 MAX
9.50 MAX
OUTER SLEEVE MOVEMENT
DURING UNMATING
THREAD RELEASE
.359 MAX
9.12 MAX
2.705 MAX
68.71 MAX
BLUE
BAND †
1.781 MAX
45.24 MAX
2.375 MAX
60.33 MAX
LANYARD LENGTH
(See Lanyard Length Table)
METRIC
THREAD
M37X
1.0-6g
0.100R
.359 MAX
9.12 MAX
D38999/31 for MIL-STD-1760
TV Breakaway Fail Safe – crimp, metal
lanyard release plug
TYPE 6
TYPE 2
Part number reference.
See how to order, page 32 to
complete.
D38999/31
88-555875/76
91-555875/76
88-558518/19
91-558518/19
T3W-16B25-XXXX
Type 6
Type 2
† Blue band indicates rear release
contact retention system
** Lanyard pulled taut against a
.500 ± .13 dia. mandrel
All dimensions for reference only
PIN CONTACTS ONLY,
SHELL SIZE 25 ONLY
BLUE
BAND †
2.000 MAX
50.80 MAX
ACCESS.
DIA
2.008 MAX
51.00 MAX
.359 MAX
9.12 MAX
METRIC
THREAD
M37X
1.0-6g0.100R
.280 MIN
7.11 MIN
FULL
THREAD
LANYARD LENGTH
(See Lanyard Length Table)
2.499 MAX
63.47 MAX
TYPE 1 (LONGER SHELL)
Standard Contact
Shell Arrangement
Number
Size
Service
Contact
Size
Number
of Contacts Contacts
Rating
Location
Pin
Socket
3
8
Twinax
A, H, K
M39029/90-529
M39029/91-530
4
12
Coax
2, 3
M39029/28-211
M39029/75-416
W, 5
M39029/102-558 M39029/103-559
25
-20
13
16
N
C, D, E, F,
M39029/58-364
M39029/56-352
J, M, N, P
R, T, U, Y, Z
10
20
N
B, G, L, S
M39029/58-363
M39029/56-351
V, X, 1, 4
6, 7
Insert
Service
Total
Contact Size
Arrangement
Rating
Contacts
20
10 (power)
25-11
N
11
2
9
Insert
Service
Total
Contact
Arrangement
Rating
Contacts
20
16
12 (coax) 8 (twinax)
25-20
N
30
10
13
4
3
Pin Contact Data for MIL-STD-1760
Contacts for 25-20 Pattern
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
J
K
L
INSERT AVAILABILITY
FAIL SAFE D38999/31
FOR MIL-STD-1760
25-20
Primary Interface Signal Set
Contact
Legend
8 (twinax) 10 (power) 12 (coax) 16
20
25-11
Auxillary Power Signal Set
Type 1
Tri-Start Lanyard Separation Forces
Shell
Straight Pull
15 Degree Pull
Size
(lbs. max.)
(lbs. max.)
25
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com