Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5607B Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  MPC5607B Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5607B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 8
Package pinouts and signal descriptions
Freescale Semiconductor
12
3.3
Pad configuration during standby mode exit
Pad configuration (input buffer enable, pull enable) for low-power wakeup pads is controlled by both the SIUL and WKPU
modules. During standby exit, all low power pads PA[0,1,2,4,15], PB[1,3,8,9,10]1, PC[7,9,11], PD[0,1], PE[0,9,11],
PF[9,11,13]2, PG[3,5,7,9]2, PI[1,3]3 are configured according to their respective configuration done in the WKPU module. All
other pads will have the same configuration as expected after a reset.
The TDO pad has been moved into the STANDBY domain in order to allow low-power debug handshaking in STANDBY
mode. However, no pull-resistor is active on the TDO pad while in STANDBY mode. At this time the pad is configured as an
input. When no debugger is connected the TDO pad is floating causing additional current consumption.
To avoid the extra consumption TDO must be connected. An external pull-up resistor in the range of 47–100 kOhms should be
added between the TDO pin and VDD. Only if the TDO pin is used as an application pin and a pull-up cannot be used should
a pull-down resistor with the same value be used instead between the TDO pin and GND.
3.4
Voltage supply pins
Voltage supply pins are used to provide power to the device. Three dedicated VDD_LV/VSS_LV supply pairs are used for 1.2 V
regulator stabilization.
1. PB[8, 9] ports have wakeup functionality in all modes except STANDBY.
2. PF[9,11,13], PG[3,5,7,9], PI[1,3] are not available in the 100-pin LQFP.
3. PI[1,3] are not available in the 144-pin LQFP.
Table 3. Voltage supply pin descriptions
Port pin
Function
Pin number
100 LQFP
144 LQFP
176 LQFP
208 MAPBGA
VDD_HV
Digital supply voltage
15, 37, 70, 84
19, 51, 100,
123
6, 27, 59, 85,
124, 151
C2, D9, E16,
G13, H3, N4,
N9, R5
VSS_HV
Digital ground
14, 16, 35, 69,
83
18, 20, 49, 99,
122
7, 26, 28, 57,
86, 123, 150
G7, G8, G9,
G10, H7, H8,
H9, H10, J7,
J8, J9, J10,
K7, K8, K9,
K10
VDD_LV
1.2 V decoupling pins. Decoupling
capacitor must be connected
between these pins and the nearest
VSS_LV pin.
1
19, 32, 85
23, 46, 124
31, 54, 152
D8, K4, P7
VSS_LV
1.2 V decoupling pins. Decoupling
capacitor must be connected
between these pins and the nearest
VDD_LV pin.
1
18, 33, 86
22, 47, 125
30, 55, 153
C8, J2, N7
VDD_BV
Internal regulator supply voltage
20
24
32
K3
VSS_HV_ADC0 Reference ground and analog ground
for the A/D converter 0 (10-bit)
51
73
89
R15
VDD_HV_ADC0 Reference voltage and analog supply
for the A/D converter 0 (10-bit)
52
74
90
P14
VSS_HV_ADC1 Reference ground and analog ground
for the A/D converter 1 (12-bit)
59
81
98
N12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com