Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT550PD Datasheet(PDF) 1 Page - RFHIC

Part # RT550PD
Description  Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT550PD Datasheet(HTML) 1 Page - RFHIC

  RT550PD Datasheet HTML 1Page - RFHIC RT550PD Datasheet HTML 2Page - RFHIC RT550PD Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistor
RT550PD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 3
Version 5.2
Product Features
Applications
• High Output Power
P1dB = 40dBm(typ)@2.3GHz
• High Efficiency
• High Power Gain
G1dB = 10dB(typ) @2.3GHz
• High Linearity
• Hermetically sealed package
• Competitive Price
• Repeater
• RF Sub-Systems
• Base Station
• Converter
• MMDS
Description
The RT550PD is designed for base stations and cell extenders as 300 ~ 3000MHz.
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Drain to Source Voltage
V
12
Vds
Gate to Source Voltage Range
V
-5~0
Vgs
Power Dissipation
W
37
Pt
Storage Temperature
℃
-65 ~ +200
Tstg
Channel Temperature
℃
175
Tch
Environmental Characteristics @ Ta=+25℃
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
CONDITION
Saturated Drain Current
mA
5000
-
6700
Idss
Vds=3V, Vgs=0V
Vds=3V, Ids=3600mA
Vds=3v, Ids=360mA
Transconductance
mS
-
3300
-
gm
Pinch-off Voltage
V
-1.6
-1.9
-3.5
Vp
Breakdown Voltage Gate-Source
V
-20
-
-25
Bvgs
-
Breakdown Voltage Gate-Drain
V
-20
-
-25
Bvgd
-
Output Power @ 1dB G.C.P
dBm
39
40
-
P1dB
Vds=9V, Id=2.4A
F=2.3GHz
Linear Power Gain
dB
-
10
-
GLP
Power added efficiency
@ 1dB
%
-
40
-
ηadd
Thermal Resistance
℃
/W
-
4.0
4.5
Rth
-
Package Type : WP-22


Similar Part No. - RT550PD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
153Kb / 2P
Power Transistor
More results

Similar Description - RT550PD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com