Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP2-21 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 13Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 14Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MODE
25
0.984
30
1.181
28.5
1.122
11
0.433
48.5
1.909
39.5
1.555
31.6
1.244
14.2
0.559
45.8
1.803
40
1.575
38.5
1.516
30
1.181
24
0.945
2-"4.2 "0.165 mounting holes
25
0.984
40
1.575
11
0.433
20
0.787
12.5
0.492
20
0.787
31.5
1.240
5.8
0.228
45.5
1.791
20
0.787
20
0.787
5.8
0.228
3.6
0.142
8
0.315
t1.6
0.063
30
1.181
2-"4.2 "0.165
mounting holes
2-"4.2 "0.165
mounting holes
MODE
46
1.811
(25.8)
(1.016)
(10.1)
(0.398)
69.5
2.736
(45.1)
(1.776) (37.1)
(1.461)
2.5
0.098
6 0.236
(32.2)
(1.268)
26
1.024
17
0.669
8.5
0.335
22
0.866
43
1.693
(11)
(0.433)
34
1.339
(9)
(0.354)
(18)
(0.709)
Comparative Output 2
operation indicator (Green)
Increment key
Decrement key
Comparative Output 1
operation indicator (Orange)
Mode selection key
"3.7 "0.146 cable,
5 m 16.404 ft long
Pressure measurement inlet port
Rc (PT) 1/8 female thread (Note)
Atmospheric pressure inlet port
M5 female thread, 4 0.157 deep
2-"4.5 "0.177
mounting holes
31/2 digit
LED display (Red)
DP2
805
IP67 type
Note: NPT 1/8 for North American type, and G (PF) 1/8 for European type.
MS-DPX
Sensor mounting bracket for standard type (Optional)
Assembly dimensions
DP2-60
DP2-61
DP2-62
Material: Cold rolled carbon steel (SPCC)
(Uni-chrome plated)
Two M4 (length 6 mm 0.236 in) pan head screws
and two spring washers are attached.
DIMENSIONS (Unit: mm in) The CAD data in the dimensions can be downloaded from the SUNX website: http://www.sunx.co.jp/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com