Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX104682 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX104682
Description  Cost effective pre-terminated cable support and flexible field termination options
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX104682 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX104682 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX104682 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX104682 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX104682 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX104682 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FiberExpress Ultra HD System
Crafted out of highest quality materials using
innovative design and assembly techniques,
even the largest 4U FX Ultra HD housing
weighs only 2.4 kg (5.4 lb) as installed. Tool-less
removable module trays on the housing mean
that a single installer can safely maneuver
the lightweight panel housing and secure
the system into the rack.
With the high value of data on fiber-optic
networks, accidental interruption while
performing MACs can have significant financial
consequences for network operators. A sleek
unencumbered front faceplate provides plenty
of space for shelf identification labeling. Clear,
always-visible port labeling ensures the right
fiber is found every time. The sliding module
tray of the FiberExpress UHD housing provides
access and visibility to individual cassettes
and frames, further reducing the
maintenance effort.
Protect your investment while
accommodating legacy connectivity today
Meet the challenges of balancing future
needs against the need to maintain a legacy
infrastructure. The FiberExpress Ultra HD System
provides a cost-effective upgrade path from
current 1G and 10G to 40G and 100G networks.
Its flexible modular approach supports legacy
applications using ST and SC up to modern
applications using LC and MPO. The system can
be upgraded as needed with a simple cassette or
adapter frame change. With no need to replace
the entire system, it provides a cost-effective
entry point today with scalability to meet the
needs of tomorrow.
Optimize space in mixed media
environments with KeyConnect support
Combining copper and fiber connectivity,
one patch panel is ideal for some environments
when port counts may be low. Using a standard
Belden KeyConnect frame with modular inserts
makes it possible to combine fiber, copper and
multimedia connectivity all in the same rack
unit of space.
Feature-Rich FX UHD Housing
Current trends have reduced the need for
splices and splice trays. FiberExpress Ultra HD
System supports a field-upgradable, 144 splice
tray housing kit which can be easily added to
any or all of the system’s 1U module trays.
Without the splice tray, the standard
FiberExpress Ultra HD housing significantly
reduces the depth of the system by over
25 cm (>10”) versus competitive products.
The additional space allows easier, clean cable
management. It also provides additional space
for opposite-rail-mounted equipment, to
effectively increase the total rack unit
space available.
Removable front and rear cable trays add to
system flexibility. The reduced physical footprint
of the system enables additional mounting
options—including shallow racks and cabinets,
vertical mounting configurations and even floor
and ceiling boxes.
Speed up the install process and
eliminate errors with the installer-friendly
sliding and tilting module tray
A standard sliding module tray brings
the work platform out of the rack and at
a 23 degree tilt down toward the installer
to improve accessibility during installation.
A quickly installed lid and front patch cord
tray provides unprecedented visibility to the
work at hand. Improved accessibility and
visibility leads to fast, clean, error-free
installation.
Choose Between a FiberExpress Ultra HD System with a
Feature-Rich FX UHD Housing or Entry-Level FX UHD Fixed Shelf
2
A single installer can install the system.
Slide-in trays tilt outward to improve accessibility.
Shelf identification labeling is clearly visible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com