Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVM25AXTR Datasheet(PDF) 1 Page - Fox Electronics

Part # FVM25AXTR
Description  3.3V HCMOS, CERAMIC, SMD, VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVM25AXTR Datasheet(HTML) 1 Page - Fox Electronics

  FVM25AXTR Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.3V HCMOS, CERAMIC, SMD, VCXO
MODEL: FVM Series
RoHS – REACH Compliant / Pb Free
Rev. 11/26/2013
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.comEMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 |
Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
Part Number Selection
Part Number
Model
Number
Operating
Temp (°C)
Frequency
Range (MHz)
859-Freq-xx
FVM25AXT
-10~ +70
1.000 ~ 50.000
859A-Freq-xx
FVM25AXTR
-40 ~ +85
1.000 ~ 50.000
Specifications
Parameter
Max unless otherwise specified
Frequency Range (FO)
1.000 ~ 50.000 MHz
Storage Temperature Range (TSTG)
-55°C ~ +125ºC
Frequency Stability
1,3
± 50 PPM
Pullability
3
±100 PPM Min
Supply Voltage (VDD)
3.3V ± 10%
Control Voltage (Vc)
2, Vdd=3.3V
1.65V+-1.5V
Input Current
(IDD)
30 mA
Output Symmetry (50% VDD)
40% ~ 60%
Rise Time (10% ~ 90% VDD)
(TR)
Fall Time
(90% ~ 10% VDD)
(TF)
5 nS
5 nS
Output Voltage
(VOL)
(VOH)
10%VDD
90%VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time (mS)
10mS
Aging per Year
±5 PPM
Maximum Soldering Temp / Time
260°C / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish:
Au
1 Inclusive of 25ºC tolerance, operating temperature range, and Vc =
50%VDD.
2 For proper operation, a control voltage (Vc) must be applied to pin 1.
3Other stabilities and pullabilities available. Contact Fox Technical Support
for details.
NOTE: A 0.01µF bypass capacitor should be placed between VDD (Pin4) and GND
(Pin 2) to minimize power supply line noise.
Specifications subject to change without notice.
Pin Connections
#1 Vc
#3 Output
#2 GND
#4 VDD


Similar Part No. - FVM25AXTR

ManufacturerPart #DatasheetDescription
logo
Level One
FVM-1000 LVL1-FVM-1000 Datasheet
1Mb / 3P
RJ45 to SFP Managed Fast Ethernet Media Converter
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
FVM-1220 LVL1-FVM-1220 Datasheet
1Mb / 3P
RJ45 to SC Managed Fast Ethernet Media Converter, Single-Mode Fiber, 20km
logo
Pepperl+Fuchs Inc.
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
logo
ASM GmbH
FVM70 ASM-SENSOR-FVM70 Datasheet
256Kb / 9P
Messumformer mit Frequenz-Eingang
More results

Similar Description - FVM25AXTR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFV ABRACON-ASFV Datasheet
156Kb / 2P
5.0V HCMOS COMPATIBLE SMD VCXO
07.11.07
logo
Crystek Corporation
CVHD-956 CRYSTEKCRYSTAL-CVHD-956 Datasheet
124Kb / 2P
HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD, 3.3V, HCMOS/TTL
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
F4200 FOX-F4200 Datasheet
87Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
VCXO-DLF FOX-VCXO-DLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
logo
EUROQUARTZ limited
EQVP-HC53 EUROQUARTZ-EQVP-HC53 Datasheet
168Kb / 1P
HCMOS 5x3.2mm 3.3V VCXO
EQVP-HC73 EUROQUARTZ-EQVP-HC73 Datasheet
167Kb / 1P
HCMOS 7x5mm 3.3V VCXO
logo
Fox Electronics
Y5C FOX-Y5C Datasheet
220Kb / 3P
HCMOS 5x3.2mm SMD VCXO
Y3H FOX-Y3H Datasheet
239Kb / 3P
HCMOS 3.2x2.5mm SMD VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com