Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPGL201M Datasheet(PDF) 1 Page - StarHope

Part # SPGL201M
Description  ADSL MODEM?갌AX?갩EL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPGL201M Datasheet(HTML) 1 Page - StarHope

  SPGL201M Datasheet HTML 1Page - StarHope SPGL201M Datasheet HTML 2Page - StarHope SPGL201M Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Applications
反应速度快50ns
ADSL MODEM、FAX、TEL
体积小,贴片封装更有竟争力
RS485、RS232、CAN一级防护
能流能力大
Security and fire alarm systems
静态电容量小,绝缘性好
1
2
3
4
2.0±0.3       4.0±0.3
28.0±3.0
0.5±0.05
型号
Part Number
直流起始放电电
压 DC Spark-
Over Voltage
Vs(V)
绝缘阻抗
Insulation
Resistance
IR(OHM)/DC
电容量
Capacitance
1KHZ-6Vmax
C(pf)
耐冲击电流
Surge Current
Capacity
8/20us
寿命测试Sureg
Life Test
SPGL141N
140
>100M/50V
SPGL-201M
200
产品参数/Electrical characteristics
产品尺寸/Dimensions(mm)
SPGL201M
200
SPGL301M
300
SPGL401M
400
SPGL501M
500
SPGL601M
600
SPGL701M
700
SPGL102M
1000
SPGL152M
1500
10KV
100A
> 200次
>100M/100V
>100M/250V
>100M/500V
<0.8
10KV
>500A
***N ±30%
M ±20%
色环代码/Color Code
SPG/SPGL Series
REV.2014.05.01
01 | www.spsemi.cn
型号Part Number
Color Code 2
SPGL141N
SPGL201M
SPGL301M
SPGL401M
SPGL501M
SPGL601M
SPGL701M
Brown
Red
Color Code 1
Orange
Yellow
Color Code 3
Green
Blue
Purple
SPGL102M
SPGL152M
Green
BLack
Purple
Black
Red


Similar Part No. - SPGL201M

ManufacturerPart #DatasheetDescription
logo
Epson Company
SPG EPSON-SPG Datasheet
109Kb / 3P
SELECTABLE-OUTPUT CRYSTAL OSCILLATOR
logo
EUROQUARTZ limited
SPG EUROQUARTZ-SPG Datasheet
231Kb / 4P
OSCILLATORS - PROGRAMMABLE
logo
SOVICO corp.
SPG-104 SOVICO-SPG-104 Datasheet
733Kb / 1P
PROGRAM EXCHANGER
logo
Epson ToYoCom
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
SPG-8650
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
Crystal oscillator
More results

Similar Description - SPGL201M

ManufacturerPart #DatasheetDescription
logo
StarHope
SPA SPSEMI-SPA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPMB SPSEMI-SPMB Datasheet
369Kb / 3P
ADSL MODEM?갌AX?갩EL
SPGM SPSEMI-SPGM Datasheet
331Kb / 3P
ADSL MODEM?갌AX?갩EL
SPGH SPSEMI-SPGH Datasheet
334Kb / 3P
ADSL MODEM?갌AX?갩EL
SPC SPSEMI-SPC Datasheet
724Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
C6M SPSEMI-C6M Datasheet
737Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8M SPSEMI-B8M Datasheet
750Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8L SPSEMI-B8L Datasheet
735Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B5L SPSEMI-B5L Datasheet
847Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
3SPH SPSEMI-3SPH Datasheet
715Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com