Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4308 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE4308
Description  75 廓 RF Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4308 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE4308 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE4308
Page 4 of 11
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0162-04
│ UltraCMOS™ RFIC Solutions
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
RF Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
RF Frequency (MHz)
31dB
16dB
8dB
0
5
10
15
20
25
30
35
0
500
1000
1500
2000
RF Frequency (MHz)
31dB
16dB
8dB
4dB
2dB
1dB
-5
-4
-3
-2
-1
0
0
500
1000
1500
2000
RF Frequency (MHz)
Typical Performance Data (25°C, VDD = 3.0 V unless otherwise noted)
Figure 7. Attenuation at Major steps
Figure 9. Output Return Loss at Major
Attenuation Steps (Zo=75 ohms)
Figure 8. Input Return Loss at Major
Attenuation Steps (Zo=75 ohms)
Figure 6. Insertion Loss (Zo=75 ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com