Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48821TLEVAL Datasheet(PDF) 15 Page - Texas Instruments

Part # LM48821TLEVAL
Description  Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48821TLEVAL Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM48821TLEVAL Datasheet HTML 11Page - Texas Instruments LM48821TLEVAL Datasheet HTML 12Page - Texas Instruments LM48821TLEVAL Datasheet HTML 13Page - Texas Instruments LM48821TLEVAL Datasheet HTML 14Page - Texas Instruments LM48821TLEVAL Datasheet HTML 15Page - Texas Instruments LM48821TLEVAL Datasheet HTML 16Page - Texas Instruments LM48821TLEVAL Datasheet HTML 17Page - Texas Instruments LM48821TLEVAL Datasheet HTML 18Page - Texas Instruments LM48821TLEVAL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM48821, LM48821TLEVAL
www.ti.com
SNAS354 – JUNE 2007
APPLICATION INFORMATION
Figure 56. I2C Timing Diagram
Figure 57. I2C Bus Format
Table 2. Chip Address
D7
D6
D5
D4
D3
D2
D1
D0
Chip Address
1
1
1
0
1
1
0
0
Table 3. Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
LF
RT
Volume Control
VD4
VD3
VD2
VD1
VD0
MUTE
ENABLE
ENABLE
I2C VOLUME CONTROL
The LM48821 can be configured in 32 different gain steps by forcing I2C volume control bits to a desired gain
according to Table 4.
Table 4. Volume Control
VD4
VD3
VD2
VD1
VD0
Gain (dB)
0
0
0
0
0
–76
0
0
0
0
1
–62
0
0
0
1
0
–52
0
0
0
1
1
–44
0
0
1
0
0
–38
0
0
1
0
1
–34
0
0
1
1
0
–30
0
0
1
1
1
–27
0
1
0
0
0
–24
0
1
0
0
1
–21
0
1
0
1
0
–18
0
1
0
1
1
–16
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com