Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC620I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC620I
Description  APC Smart-UPS SC 620VA 230V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC620I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC620I Datasheet HTML 1Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 2Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 3Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 4Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Output
Output Power Capacity
390 Watts / 620 VA
Max Configurable Power
390 Watts / 620 VA
Nominal Output Voltage
230V
Output Voltage Distortion
Less than 5% at full load
Output Frequency (sync to mains) 47 - 53 Hz for 50 Hz nominal,57 - 63 Hz for 60 Hz nominal
Crest Factor
up to 5 : 1
Waveform Type
Stepped approximation to a sinewave
Output Connections
(1) IEC 320 C13
(3) IEC 320 C13
(1) IEC Jumpers
Input
Nominal Input Voltage
230V
Input Frequency
50/60 Hz +/- 3 Hz (auto sensing)
Input Connections
IEC-320-C14 inlet
Input voltage range for main
operations
160 - 286V
Input voltage adjustable range for
mains operation
151 - 302V
Batteries & Runtime
Battery Type
Maintenance-free sealed Lead-Acid battery with suspended electrolyte : leakproof
Typical recharge time
5.50 hour(s)
Replacement Battery
RBC4
RBC™ Quantity
1
Typical Backup Time
at Half Load
15.7 minutes (195 Watts)
Typical Backup Time
at Full Load
5.5 minutes (390 Watts)
Runtime Chart
Smart-UPS SC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com