Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802S Datasheet(PDF) 1 Page - 3M Electronics

Part # SC802S
Description  Resistive Touch Screen Electronics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC802S Datasheet(HTML) 1 Page - 3M Electronics

  SC802S Datasheet HTML 1Page - 3M Electronics SC802S Datasheet HTML 2Page - 3M Electronics SC802S Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SC Series
Product Highlights
• High performance feature set with
state-of-the-art components.
• Fast and accurate touch response.
• Competitively priced controller offering.
• Provide USB, HID, and WHQL* compliance.
• Supports 4-, 5-, and 8-wire resistive
touch screens.
A Flexible Electronics Solution
The MicroTouchSC Series Controllers provide the solution needed for long term
viability. This enhanced voltage-driven series supports a full range of common
resistive touch screens for LCD’s, while offering tremendous flexibility and high
performance at a cost-effective price. This solution offers standards compliance
as well as configuration adaptability.
Making the Difference
3M
supports the latest communication interfaces by providing both a Serial (RS232)
Plug and Play interface and a Universal Serial Bus (USB) interface compliant with the
USB Human Interface Device (HID) class. Available in a compact 1” x 2” format and
supporting 4-, 5-, and 8-wire resistive touch screens, these controllers are designed
for easy integration with LCD panels.
*Allows customers to apply for MicrosoftWindows Hardware
Qualification Laboratory (WHQL) certification.
Resistive Touch Screen
Electronics


Similar Part No. - SC802S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Fuji Electric
SC802-04 FUJI-SC802-04 Datasheet
218Kb / 2P
SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04 Datasheet
61Kb / 3P
SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04_01 Datasheet
61Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - SC802S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
Resistive Touch Screen Controller
2009
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
Resistive Type Touch Screen Controller ICs
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
4-wire Resistive Touch Screen Controller
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
Resistive Type Touch Screen Controller ICs
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
4-wire resistive touch screen controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com