Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4626CSKTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4626CSKTRT
Description  2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4626CSKTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4626CSKTRT Datasheet HTML 3Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 4Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 5Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 6Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 7Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 8Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 9Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 10Page - Semtech Corporation SC4626CSKTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.semtech.com
© 2009 Semtech Corp.
7
SC4626
Typical Characteristics (continued)
UVLO Rising Threshold Variation
UVLO Rising Threshold Variation
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-40
-15
10
35
60
85
Ambient Temperature (°C)
IOUT= 0A
UVLO Hysteresis Variation
-5%
-4%
-3%
-2%
-1%
0%
1%
2%
3%
4%
5%
-40
-15
10
35
60
85
Ambient Temperature (°C)
IOUT= 0A
UVLO Hysteresis Variation
Dropout Voltage in 100% Duty Cycle Operation
Load Regulation (V
OUT=1.5V)
Load Regulation (V
OUT=3.3V)
Circuit Conditions: V
OUT=1.0V (SC4626A), 1.5V (SC4626H) & 3.3V (SC4626Z);CIN= 10uF/6.3V;COUT= 10uF/6.3V for L=2.2uH;COUT= 22uF/6.3V for L=1uH.
Unless otherwise noted, L= 2.2uH (TOKO: 1071AS-2R2M).
Load Regulation
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
VIN= 5.0V
VIN= 3.3V
VOUT= 1.50V
TA=25°C
Load Regulation
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
VIN= 5.0V
VIN= 4.0V
VOUT= 3.30V
TA=25°C
Dropout Voltage of 100% Duty Cycle Operation
0
50
100
150
200
250
300
350
400
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
TA= 25°C
L= MDT2520-CR1R0M
(DCR= 60m
_typ)
L= 1071AS-2R2N
(DCR=50m
_typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com