Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD103C
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103C Datasheet(HTML) 1 Page - Diodes Incorporated

  SD103C Datasheet HTML 1Page - Diodes Incorporated SD103C Datasheet HTML 2Page - Diodes Incorporated SD103C Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103A - SD103C
SCHOTTKY BARRIER DIODE
Features
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Low Reverse Recovery Time
Low Reverse Capacitance
Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
Case: DO-35
Case Material: Glass
Moisture Sensitivity: Level 1 per J-STD-020C
Leads: Solderable per MIL-STD-202, Method
208
Terminals: Finish
⎯ Sn96.5Ag3.5. Solderable
per MIL-STD-202, Method 208
Polarity: Cathode Band
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.13 grams (approximate)
DO-35
Dim
Min
Max
A
25.40
B
4.00
C
0.60
D
2.00
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
SD103A
SD103B
SD103C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IFM
350
mA
Repetitive Peak Forward Current (Note 1)
@ t
≤ 1.0s
IFRM
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3 ms Half Sine Wave
IFSM
15
A
Power Dissipation
(Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
300
°C/W
Operating Junction Temperature
Tj
125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
SD103A
(Note 3)
SD103B
SD103C
V(BR)R
40
30
20
V
IR = 100μA
Maximum Forward Voltage Drop
VFM
0.37
0.60
V
IF = 20mA
IF = 200mA
Maximum Peak Reverse Current
SD103A
(Note 3)
SD103B
SD103C
IRM
5.0
μA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
50
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
10
ns
IF = IR = 50mA to 200mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1.
Valid provided that device terminals are kept at ambient temperature.
2.
EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and high temperature solder exemptions applied where applicable,
see EU Directive Annex Notes 5 and 7.
3.
Short duration test pulse used to minimize self-heating effect.
DS11009 Rev. 13 - 2
1 of 3
www.diodes.com
SD103A - SD103C
© Diodes Incorporated


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com