Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2040B Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2040B
Description  80.460 MHz SAW Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2040B Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2040B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2040B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2040B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2040B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2040B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2040B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SF2040B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
80.460 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2040B-082905
CH1
S21
LOG
1 dB/
REF -9.7 dB
CENTER
80 . 460
000
MHz
SPAN
20 . 000
000
MHz
SF2040B DEMO
Cor
PRm
CH2
S21
DEL
50 ns/
REF 700 ns
Cor
Smo
PRm
18 Apr 2005 17:17:25
1
2
2 : . 03530
dB
2 . 588
000
MHz
REF=1
CH1
Markers
mean
: -9 . 4041
dB
s . dev
: . 09650
dB
p-p
: . 39870
dB
1
2
2 : -34
. 943
ns
3 . 600
000
MHz
REF=1
CH2
Markers
mean
: 723 . 53
ns
s . dev
: 12 . 938
ns
p-p
: 57 . 755
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com