Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706C Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706C
Description  Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2706C Datasheet(HTML) 2 Page - Texas Instruments

  PCM2706C Datasheet HTML 1Page - Texas Instruments PCM2706C Datasheet HTML 2Page - Texas Instruments PCM2706C Datasheet HTML 3Page - Texas Instruments PCM2706C Datasheet HTML 4Page - Texas Instruments PCM2706C Datasheet HTML 5Page - Texas Instruments PCM2706C Datasheet HTML 6Page - Texas Instruments PCM2706C Datasheet HTML 7Page - Texas Instruments PCM2706C Datasheet HTML 8Page - Texas Instruments PCM2706C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
PCM2704C, PCM2705C
PCM2706C, PCM2707C
SBFS036A – AUGUST 2011 – REVISED JULY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current specification and package information, refer to the Package Option Addendum located at
the end of this data sheet or see the respective device product folders at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range unless otherwise noted.
VALUE
UNIT
VBUS
–0.3 to 6.5
V
Supply voltage
VCCP, VCCL, VCCR, VDD
–0.3 to 4
V
Supply voltage differences
VCCP, VCCL, VCCR, VDD
±0.1
V
Ground voltage differences
PGND, AGNDL, AGNDR, DGND, ZGND
±0.1
V
HOST
–0.3 to 6.5
V
D+, D–, HID0/MS, HID1/MC, HID2/MD, XTI, XTO, DOUT,
Digital input voltage
SSPND, CK, DT, PSEL, FSEL, TEST, TEST0, TEST1,
–0.3 to (VDD + 0.3) < 4
V
FUNC0, FUNC1, FUNC2, FUNC3
VCOM
–0.3 to (VCCP + 0.3) < 4
V
Analog input voltage
VOUTR
–0.3 to (VCCR + 0.3) < 4
V
VOUTL
–0.3 to (VCCL + 0.3) < 4
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range.
MIN
NOM
MAX
UNIT
VBUS
4.35
5
5.25
Supply voltage
V
VCCP, VCCL, VCCR, VDD
3
3.3
3.6
Digital input logic level
TTL-compatible
Digital input clock frequency
11.994
12
12.006
MHz
Analog output load resistance
16
32
Ω
Analog output load capacitance
100
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
°C
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com