Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCD2400F35F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCD2400F35F
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD2400F35F Datasheet(HTML) 1 Page - STMicroelectronics

  STCD2400F35F Datasheet HTML 1Page - STMicroelectronics STCD2400F35F Datasheet HTML 2Page - STMicroelectronics STCD2400F35F Datasheet HTML 3Page - STMicroelectronics STCD2400F35F Datasheet HTML 4Page - STMicroelectronics STCD2400F35F Datasheet HTML 5Page - STMicroelectronics STCD2400F35F Datasheet HTML 6Page - STMicroelectronics STCD2400F35F Datasheet HTML 7Page - STMicroelectronics STCD2400F35F Datasheet HTML 8Page - STMicroelectronics STCD2400F35F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
January 2010
Doc ID 15400 Rev 2
1/39
1
STCD22x0, STCD23x0, STCD24x0
Multichannel clock distribution circuit
Features
2, 3 or 4 output buffered clock distribution
Single-ended square wave (or sine wave) clock
input
Rail-to-rail (0 V to VTCXO) square wave output
Individual enable pin for each output
1.8 V, high PSRR LDO for external clock
source voltage supply (VTCXO)
No AC coupling capacitor needed
Ultra-low phase noise and standby current
Common system clock request, open drain,
active low
Clock enable signal polarities factory
programmable (STCD23x0)
Option pins allow clock enable polarities to be
user configurable (STCD22x0 and STCD24x0)
High isolation output-to-output & output-to-input
2.5 V to 5.1 V battery supply voltage
40 pF max load driving capability per output
Available in chip scale package (CSP)
Operating temperature : –20 °C to 85 °C
Applications
Multimode RF clock reference
Baseband peripheral device clock reference
Mobile Internet Devices (MIDs)
Flip Chip (12-bump, 16-bump)
Table 1.
Device summary
Reference
Part number
Channels
Enable polarity
Package
STCD22x0
STCD2200(1)
2-channel
User program
Flip Chip 12-bump
(1.2 mm x 1.6 mm)
STCD24x0
STCD2400
4-channel
Flip Chip 16-bump
(1.6 mm x 1.6 mm)
STCD2410(1)
STCD23x0
STCD2300(1)
3-channel
Factory program
Flip Chip 12-bump
(1.2 mm x 1.6 mm)
STCD2310(1)
STCD2320(1)
STCD2330(1)
1.
Contact local ST sales office for availability.
www.st.com


Similar Part No. - STCD2400F35F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
More results

Similar Description - STCD2400F35F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
Multi-channel clock distribution circuit
08-May-2008
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
CLOCK DISTRIBUTION CIRCUIT
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
logo
STMicroelectronics
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
Clock distribution
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
CLOCK DISTRIBUTION CIRCUIT
061711
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com