Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6386AD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6386AD
Description  High voltage high and low-side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6386AD Datasheet HTML 4Page - STMicroelectronics L6386AD Datasheet HTML 5Page - STMicroelectronics L6386AD Datasheet HTML 6Page - STMicroelectronics L6386AD Datasheet HTML 7Page - STMicroelectronics L6386AD Datasheet HTML 8Page - STMicroelectronics L6386AD Datasheet HTML 9Page - STMicroelectronics L6386AD Datasheet HTML 10Page - STMicroelectronics L6386AD Datasheet HTML 11Page - STMicroelectronics L6386AD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Bootstrap driver
L6386AD
8/15
DocID14914 Rev 2
4
Bootstrap driver
A bootstrap circuitry is needed to supply the high voltage section. This function is normally
accomplished by a high voltage fast recovery diode (Figure 4 a). In the L6386AD device
a patented integrated structure replaces the external diode. It is realized by a high voltage
DMOS, driven synchronously with the low-side driver (LVG), with a diode in series, as
shown in Figure 4 b. An internal charge pump (Figure 4 b) provides the DMOS driving
voltage. The diode connected in series to the DMOS has been added to avoid undesirable
turn-on.
CBOOT selection and charging
To choose the proper CBOOT value, the external MOS can be seen as an equivalent
capacitor. This capacitor CEXT is related to the MOS total gate charge:
Equation 1
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage
loss. It has to be:
CBOOT>>>CEXT
E.g.: if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop would
be 300 mV.
If HVG has to be supplied for a long time, the CBOOT selection has to take into account also
the leakage losses.
E.g.: HVG steady state consumption is lower than 200
A, so if HVG TON is 5 ms, CBOOT
has to supply 1
C to CEXT. This charge on a 1 F capacitor means a voltage drop of 1 V.
The internal bootstrap driver gives great advantages: the external fast recovery diode can
be avoided (it usually has a great leakage current).
This structure can work only if VOUT is close to GND (or lower) and in the meanwhile the
LVG is on. The charging time (Tcharge ) of the CBOOT is the time in which both conditions are
fulfilled and it has to be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDS(on) (typical value:
125
). At low frequency this drop can be neglected. Anyway increasing the frequency it
must be taken into account.
The following equation is useful to compute the drop on the bootstrap DMOS:
Equation 2
where Qgate is the gate charge of the external power MOS, Rdson is the on-resistance of the
bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor.
CEXT
Qgate
Vgate
---------------
=
Vdrop
Ich e
arg Rdson
Vdrop
Qgate
Tch e
arg
-------------------Rdson
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com