Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6386AD013TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6386AD013TR
Description  High voltage high and low-side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD013TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6386AD013TR Datasheet HTML 3Page - STMicroelectronics L6386AD013TR Datasheet HTML 4Page - STMicroelectronics L6386AD013TR Datasheet HTML 5Page - STMicroelectronics L6386AD013TR Datasheet HTML 6Page - STMicroelectronics L6386AD013TR Datasheet HTML 7Page - STMicroelectronics L6386AD013TR Datasheet HTML 8Page - STMicroelectronics L6386AD013TR Datasheet HTML 9Page - STMicroelectronics L6386AD013TR Datasheet HTML 10Page - STMicroelectronics L6386AD013TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID14914 Rev 2
7/15
L6386AD
Electrical characteristics
15
3.3
Timing diagram
Figure 3. Input/output timing diagram
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Logic inputs
Vil
1, 2, 3
Low level logic voltage
1.5
V
Vih
High level logic voltage
3.6
V
Iih
High level logic input current
VIN = 15 V
50
70
A
Iil
Low level logic input current
VIN = 0 V
1
A
Sense comparator
Vio
Input offset voltage
-10
10
mV
Iio
6
Input bias current
Vcin 0.5
0.2
A
Vol
2
Open drain low level output voltage
Iod = -2.5 mA
0.8
V
Vref
Comparator reference voltage
0.46
0.50
0.54
V
1. RDS(on) is tested in the following way:
where I1 is the pin 14 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
Table 7. DC operation electrical characteristics (continued) (VCC = 15 V; TJ = 25 °C)
RDSON
VCC VCBOOT1
–

VCC VCBOOT2
–

–
I1 VCC,VCBOOT1
 I
2 VCC,VCBOOT2

–
-------------------------------------------------------------------------------------------------------
=
HIN
LIN
SD
HOUT
LOUT
VREF
VCIN
DIAG
Note: SD active condition is latched until next negative IN edge.
D97IN522A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com