Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK120C11R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LDK120C11R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120C11R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LDK120C11R Datasheet HTML 9Page - STMicroelectronics LDK120C11R Datasheet HTML 10Page - STMicroelectronics LDK120C11R Datasheet HTML 11Page - STMicroelectronics LDK120C11R Datasheet HTML 12Page - STMicroelectronics LDK120C11R Datasheet HTML 13Page - STMicroelectronics LDK120C11R Datasheet HTML 14Page - STMicroelectronics LDK120C11R Datasheet HTML 15Page - STMicroelectronics LDK120C11R Datasheet HTML 16Page - STMicroelectronics LDK120C11R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID023965 Rev 5
13/24
LDK120
Typical performance characteristics
Figure 30. Load transient (VOUT = VADJ)
Figure 31. Startup transient
VOUT = VADJ, VIN = VEN = 3.5 V, IOUT = 1 mA to 200 mA,
COUT = 1 µF, tr = tf = 5 µs
VOUT = 3 V, VIN = VEN = 0 to 4.2 V, IOUT = 1 mA, CIN = COUT
= 1 µF, tr = tf = 5 µs
Figure 32. Enable transient (VOUT = VADJ)
Figure 33. Enable transient (VOUT = 3 V)
VOUT @ 0.8 V, VIN = 1.9, VEN = 0 to VIN, IOUT = 200 mA,
COUT = 1 µF, tr = tf = 1 µs
VIN = 4 V, VEN = 0 to VIN, IOUT = 200 mA, CIN = COUT = 1 µF,
tr = tf = 1 µs
Figure 34. Dropout voltage vs. temperature
(IOUT = 100 mA)
Figure 35. Dropout voltage vs. temperature
(IOUT = 200 mA)
AM16226v1
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Temperature [ °C]
C
IN = COUT = 1 µF, IOUT = 100 mA, Fixed 3.0 V version
AM16227v1
C
IN = COUT = 1 µF, IOUT = 200 mA, Fixed 3.0 V version
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com