Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D040CIVS/NOPB
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  ADC12D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
VIN A+
11-Stage Pipeline Converter
Timing
Control
S/H
Stage
1
Stage
Stage
Stage
Stage
Stage
Stage
2
3
n
9
10
11
22
CLK
2
2
2
Digital Correction
AGND
VD
DGND
Output
DA0-DA11
OEA
12
3
PD
Buffers
12
Output
Buffers
12
DB0-DB11
OEB
12
VD
DGND
Digital Correction
S/H
Stage
1
Stage
Stage
Stage
Stage
Stage
Stage
2
3
n
9
10
11
VA
AGND
11-Stage Pipeline Converter
2
2
2
22
3
Timing
Control
Bandgap
Reference
INT/EXT REF
VDR
DR GND
OF
VIN B-
VIN B+
VIN A-
VRP A
VRM A
VRN A
VRP B
VRM B
VRN B
VREF
VA
ADC12D040
www.ti.com
SNAS171D – MAY 2004 – REVISED DECEMBER 2005
Block Diagram
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com