Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849CVS/NOPB Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849CVS/NOPB
Description  PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 85 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 81Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 82Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 83Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 84Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 85Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 86Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 87Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 88Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
www.national.com
84
8.2.9 100BASE-TX MII Receive Packet Latency Timing
Note: Carrier Sense On Delay is determined by measuring the time from the first bit of the “J” code group to the assertion
of Carrier Sense.
Note: 1 bit time = 10 ns in 100 Mb/s mode
Note: PMD Input Pair voltage amplitude is greater than the Signal Detect Turn-On Threshold Value.
8.2.10 100BASE-TX MII Receive Packet Deassertion Timing
Note: Carrier Sense Off Delay is determined by measuring the time from the first bit of the “T” code group to the deasser-
tion of Carrier Sense.
Note: 1 bit time = 10 ns in 100 Mb/s mode
Parameter
Description
Notes
Min
Typ
Max
Units
T2.9.1
Carrier Sense ON Delay
100BASE-TX mode
20
bits
T2.9.2
Receive Data Latency
100BASE-TX mode
24
bits
Parameter
Description
Notes
Min
Typ
Max
Units
T2.10.1
Carrier Sense OFF Delay
100BASE-TX mode
24
bits
CRS
RXD[3:0]
PMD Input Pair
RX_DV
RX_ER
IDLE
Data
T2.9.1
T2.9.2
(J/K)
CRS
T2.10.1
PMD Input Pair
DATA
IDLE
(T/R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com