Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4T68AY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM4T68AY
Description  Automotive 400 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T68AY Datasheet(HTML) 4 Page - STMicroelectronics

  SM4T68AY Datasheet HTML 1Page - STMicroelectronics SM4T68AY Datasheet HTML 2Page - STMicroelectronics SM4T68AY Datasheet HTML 3Page - STMicroelectronics SM4T68AY Datasheet HTML 4Page - STMicroelectronics SM4T68AY Datasheet HTML 5Page - STMicroelectronics SM4T68AY Datasheet HTML 6Page - STMicroelectronics SM4T68AY Datasheet HTML 7Page - STMicroelectronics SM4T68AY Datasheet HTML 8Page - STMicroelectronics SM4T68AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM4TY
4/12
Doc ID 17862 Rev 3
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
100
200
300
400
500
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j
Pulse = 10/1000 µs
0.1
1.0
10.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P (kW)
PP
tp(ms)
Figure 5.
Clamping voltage versus peak
pulse current (exponential
waveform, maximum values)
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
I (A)
PP
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
10/1000 µs
8/20 µs
V (V)
CL
T initial = 25 °C
j
C(pF)
10
100
1000
10000
1
10
100
1000
SM4T6V7AY
SM4T30AY
SM4T82AY
V (V)
R
F = 1 Mhz
V
= 30 mV
T = 25 °C
OSC
RMS
j
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
Figure 8.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
C(pF)
10
100
1000
10000
1
10
100
1000
SM4T6V7CAY
SM4T30CAY
SM4T82CAY
V (V)
R
F = 1 Mhz
V
= 30 mV
T = 25 °C
OSC
RMS
j
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Recommended pad layout
Z/R
th(j-a)
th(j-a)
tp(s)
Printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com