Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP210B Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TP210B
Description  Isolated Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TP210B Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TP210B Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TP210B Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TP210B Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TP210B Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated Transmitter
TP210
2014.03.17-A/3
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Precision
0.05%F.S.
Temperature Drift
Operating temperature range of -25 to
+85℃
0.0025%F.S./℃
bandwidth
10KHz ( G=1V/V )
6KHz ( G=100V/V )
Response Time
100 s (G=1V/V )
μ
150 s ( G=100V/V )
μ
Gain
Range
1V/V - 100V/V
Error
± 0.05%F.S.
Power Error(±5%)
± 0.05%F.S.
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Three-port isolation (Input, Output and Power supply)
Degree of Isolation
testing for 1 minute, leakage current <1mA,
humidity <70%
2.5KVDC
Insulation Resistance
500VDC (Between signal input, signal output,
power supply and isolation power output)
100MΩ
Operating Temperature
-25~+85℃
Transportation and Storage
Temperature
-50~+105℃
Storage Humidity
10%~90%
Application Environment
The presence of dust, fierce vibration, impulsion and
corrosive gas may cause damage to the product
Physical Specifications
Casing Material
WH8100-F [1]
Package
DIP38 25.40*53.30*8.90 mm
Weight
22g(Typ.)
Cooling method
Free air cooling
EMC Specifications
EMS
Electrostatic Discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
EFT
IEC/EN61000-4-4
±2KV(Pin com and Pin)
(see Fig. 5 for recommended circuit)
perf. Criteria B
IEC/EN61000-4-4
±1KV (Other Port) (see Fig. 5 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
Power supply ±1KV(Pin com and Pin)
(see Fig. 5 for recommended circuit)
perf. Criteria B
IEC/EN61000-4-5
±1KV(line against ground ,Other ports)
(see Fig. 5 for recommended circuit)
perf. Criteria B
Application Precautions
1. Please read the instructions carefully before use; contact our technical support if you have any problem.
2. Do not use the product in hazardous areas.
3. Use DC power supply for the product and 220V AC power supply is prohibited.
4. Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
After-sales service
1. Ex-factory inspection and quality control have been strictly conducted for the product; if there occurs abnormal operation or possibility
of failure of internal module, please contact the local representative or our technical support.
2. The warranty period for the product is 3 years as calculated from the date of delivery. If any quality problem occurs under normal use
within the warranty period, the product can be repaired or changed for free.
Applied circuit
See
Application Notes for Isolated Transmitter for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com