Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208Q Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 22Page - STMicroelectronics L6208Q Datasheet HTML 23Page - STMicroelectronics L6208Q Datasheet HTML 24Page - STMicroelectronics L6208Q Datasheet HTML 25Page - STMicroelectronics L6208Q Datasheet HTML 26Page - STMicroelectronics L6208Q Datasheet HTML 27Page - STMicroelectronics L6208Q Datasheet HTML 28Page - STMicroelectronics L6208Q Datasheet HTML 29Page - STMicroelectronics L6208Q Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Output current capability and IC power dissipation
L6208Q
26/34
DocID018710 Rev 3
7
Output current capability and IC power dissipation
Figure 26, 27, 28 and 29 show the approximate relation between the output current and the
IC power dissipation using PWM current control driving a two-phase stepper motor, for
different driving sequences:
HALF STEP mode (Figure 26) in which, alternately, one phase / two phases are
energized.
NORMAL DRIVE (FULL STEP TWO-PHASE-ON) mode (Figure 27) in which two
phases are energized during each step.
WAVE DRIVE (FULL STEP ONE-PHASE-ON) mode (Figure 28) in which only one
phase is energized at each step.
MICROSTEPPING mode (Figure 29), in which the current follows a sinewave profile,
provided through the Vref pins.
For a given output current and driving sequence the power dissipated by the IC can be
easily evaluated, in order to establish which package should be used and how large the
onboard copper dissipating area must be to guarantee a safe operating junction
temperature (125 °C maximum).
Figure 26. IC power dissipation vs. output current in half step mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com