Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9904TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9904TR
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9904TR Datasheet HTML 9Page - STMicroelectronics L9904TR Datasheet HTML 10Page - STMicroelectronics L9904TR Datasheet HTML 11Page - STMicroelectronics L9904TR Datasheet HTML 12Page - STMicroelectronics L9904TR Datasheet HTML 13Page - STMicroelectronics L9904TR Datasheet HTML 14Page - STMicroelectronics L9904TR Datasheet HTML 15Page - STMicroelectronics L9904TR Datasheet HTML 16Page - STMicroelectronics L9904TR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
L9904
14/17
tCCP= RPR · CPR · ln NPR
with NPR= VPRH / VPRL = 2
tCCP= 0.69 · RPR · CPR
3.14 ISO-Interface
The ISO-Interface provides the communication between the micro controller and a serial bus with a baud rate
up to 60kbit/s via a single wire which is VBAT and GND compatible. The logic level transmission input TX drives
the open drain K-output. The K output can be connected to a serial bus with a pull up resistor to VBAT. The K-
pin is protected against overvoltage, short to GND and VS and can be driven beyond VVS and GND. During lack
of VVS or GND the output shows high impedance characteristic. The open drain output RX with an internal pull
up resistor monitors the status at the K-pin to read the received data and control the transmitted data. Short
circuit condition at K-pin is recognized if the internal open drain transistor isn't able to pull the voltage potential
at K-pin below the threshold of 0.45·VVS. Then the RX stays in high condition. A timer starts and switches the
open drain transistor after typ. 20µs off. A next low at the TX input resets the timer and the open drain transistor
switches on again.
Figure 11. Functional schematic of the ISO-interface
RX
TX
K
VCC
R RX
0.5
VVS
TX
R
TSH
delay
=
R
S
Q
R
IKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com