Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9904 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9904
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904 Datasheet(HTML) 1 Page - STMicroelectronics

  L9904 Datasheet HTML 1Page - STMicroelectronics L9904 Datasheet HTML 2Page - STMicroelectronics L9904 Datasheet HTML 3Page - STMicroelectronics L9904 Datasheet HTML 4Page - STMicroelectronics L9904 Datasheet HTML 5Page - STMicroelectronics L9904 Datasheet HTML 6Page - STMicroelectronics L9904 Datasheet HTML 7Page - STMicroelectronics L9904 Datasheet HTML 8Page - STMicroelectronics L9904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
L9904
September 2013
1FEATURES
OPERATING SUPPLY VOLTAGE 8V TO 28V,
OVERVOLTAGE MAX. 40V
OPERATING SUPPLY VOLTAGE 6V WITH
IMPLEMENTED STEPUP CONVERTER
QUIESCENT CURRENT IN STANDBY MODE
LESS THAN 50µA
ISO 9141 COMPATIBLE INTERFACE
CHARGE PUMP FOR DRIVING A POWER
MOS AS REVERSE BATTERY PROTECTION
PWM OPERATION FREQUENCY UP TO
30KHZ
PROGRAMMABLE CROSS CONDUCTION
PROTECTION TIME
OVERVOLTAGE, UNDERVOLTAGE, SHORT
CIRCUIT AND THERMAL PROTECTION
REAL TIME DIAGNOSTIC
2
DESCRIPTION
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L9904
SO20
L9904TR
Tape & Reel
SO20
Control circuit for power MOS bridge driver in auto-
motive applications with ISO 9141bus interface.
MOTOR BRIDGE CONTROLLER
Figure 2. Block Diagram
VS
DIR
PWM
EN
RX
TX
CP
CB1
GH1
S1
GL1
CB2
GH2
S2
GL2
K
=
PR
VCC
=
=
ISO-Interface
VCC
GND
ST
Reference
BIAS
Charge
pump
Overvoltage
Undervoltage
PWM
R
DIR
R
RX
R
TX
R
0.5  VVS
RS2
RGL2
RGL1
RS1
RCP
REN
VCC
Timer
IKH
V S2TH
Thermal shutdown
V S1TH
DG
VCC
RDG
VSTH
fST
=
-
+
10
1
2
4
5
3
6
7
8
20
9
16
15
17
18
19
14
12
13
11
REV. 5


Similar Part No. - L9904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9904 STMICROELECTRONICS-L9904 Datasheet
268Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2002
More results

Similar Description - L9904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9904 STMICROELECTRONICS-L9904 Datasheet
268Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2002
logo
Texas Instruments
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
H-BRIDGE MOTOR CONTROLLER IC
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2005
logo
Texas Instruments
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
logo
Melexis Microelectronic...
MLX80153 MELEXIS-MLX80153 Datasheet
356Kb / 6P
OTP Full Bridge motor controller
logo
Texas Instruments
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
H-BRIDGE MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com