Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBURT0230LL-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBURT0230LL-HF
Description  Low Profile SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBURT0230LL-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBURT0230LL-HF Datasheet HTML 1Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 2Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 3Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Forward Current = 200 mA
CDBURT0230LL-HF
Low Profile SMD Schottky Barrier Diode
Page 1
REV:A
A
mA
V
V
1
200
20
30
IO
VR
VRRM
IFSM
8.3ms single half sine-wave superimposed
on rate load(JEDEC method)
OC
OC
+125
+125
-55
TSTG
Tj
Storage temperature
Junction temperature
Average forward current
Reverse voltage
Repetitive peak reverse voltage
Forward current,surge peak
Parameter
Conditions
Symbol Min Typ Max Unit
uA
V
30
0.39
IR
VF
Reverse current
Forward voltage
Parameter
Conditions
Symbol Min Typ Max Unit
VR = 10 V
IF = 200 mA
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Dimensions in inches and (millimeter)
QW-G1110
Comchip Technology CO., LTD.
Features
-Majority carrier conduction.
-Ultra low forward voltage.
-Low profile package is 30% thinner than
standards 0603
-Designed for mounting on small surface.
-Extremely thin / leadless package.
RoHS Device
Halogen Free
Reverse Voltage = 30 Volts
0603/SOD-523F
Mechanical data
-Polarity: Indicated by cathode band.
-Weight: 0.0019 grams approx.
-Mounting Position: Any
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code: BS
-Case: 0603
standard package,
/SOD-523F
molded plastic.
mA
500
IFM
Peak forward Current
pF
30
C
Capacitance
VR = 1 V, f=1MHz
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.022(0.55)
0.018(0.45)
0.028(0.70) Typ.
0.018(0.45) Typ.
Company reserves the right to improve product design , functions and reliability without notice.
Circuit diagram
OC/W
260
RθJA
Typical thermal resistance
-55


Similar Part No. - CDBURT0230LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
Low Profile SMD Schottky Barrier Diode
More results

Similar Description - CDBURT0230LL-HF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBURT0230L-HF COMCHIP-CDBURT0230L-HF Datasheet
129Kb / 4P
Low Profile SMD Schottky Barrier Diode
CDBURT0230R-HF COMCHIP-CDBURT0230R-HF Datasheet
129Kb / 4P
Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
Low Profile SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
Low VF SMD Schottky Barrier Diode
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBURT0530LL-HF COMCHIP-CDBURT0530LL-HF Datasheet
125Kb / 4P
Low Profile SMD Schottky Barrier Diode
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
Low VF SMD Schottky Barrier Diode
REV:D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com