Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEFN103-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CEFN103-HF
Description  SMD Efficient Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFN103-HF Datasheet(HTML) 1 Page - Comchip Technology

  CEFN103-HF Datasheet HTML 1Page - Comchip Technology CEFN103-HF Datasheet HTML 2Page - Comchip Technology CEFN103-HF Datasheet HTML 3Page - Comchip Technology CEFN103-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CEFN103-HF
Forward current: 1.0A
Reverse voltage: 600V
RoHS Device
QW-JE001
Page 1
REV:A
Features
-Low power loss, High efficiency.
-High current capability
Mechanical Data
-Polarity: Laser cathode band marking.
-Weight: 0.012 gram (approx).
.
Comchip Technology CO., LTD.
SMD Efficient Fast Recovery Rectifiers
Halogen Free
-Plastic package has underwriters laboratory
flammability classification 94V-0.
-Case: Packed with FRP substrate and
epoxy underfilled.
-Terminals: Pure Tin plated (Lead-Free),solderable
per MIL-STD-750, method 2026.
Company reserves the right to improve product design , functions and reliability without notice.
Circuit diagram
Notes: 1. Thermal resistance from junction to ambient and from junction to lead P.C.B. monuted on 0.2×0.2”(5.0*5.0mm) copper pad areas.
Absolute Maximum Ratings (at TA=25°C unless otherwise noted)
Repetitive peak reverse voltage
Peak forward surge current
Operating junction temperature
Storage temperature
CEFN103-HF
Units
Symbol
Parameter
VRRM
IFSM
TJ
TSTG
25
-65 to +175
-65 to +175
600
V
A
°C
°C
Repetitive peak reverse current
V
uA
Parameter
Conditions
Forward voltage
Thermal Resistance
VR =Max. VRRM, TA=25°C
Junction to ambient (Note)
Symbol
IRRM
RθJA
CJ
MIN.
TYP.
MAX.
5
80
Unit
0.20
Junction capacitance
VR =4V, f=1.0MHZ
10
pF
Junction to lead (Note)
RθJL
40
°C/W
---
---
---
VF
---
---
---
---
---
Electrical Characteristics (at TA=25°C unless otherwise noted)
Reverse recovery time
Trr
nS
Conditions
8.3ms single half sine-wave
Average forward current
IF(AV)
1.0
A
IF=0.5A,IR=1.0A,Irr=0.25A
0.80
1.15
1.40
-
-
1.70
-GPRC(Glass passivated rectifier chip) inside.
-Glass passivated cavity-free junction.
35
IF =0.1A
IF =0.5A
IF =1.0A
---
---
Marking
167
.Z.
Dimensions in inches and (millimeter)
1206
0.063(1.60)
Typ.
R 0.016 (0.40)
0.083 (2.10)
0.142 (3.60)
0.126 (3.20)
0.046 (1.16)
0.034 (0.86)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)
0.067 (1.70)
TL=110°C


Similar Part No. - CEFN103-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFN103-HF COMCHIP-CEFN103-HF Datasheet
376Kb / 4P
SMD Efficient Fast Recovery Rectifiers
More results

Similar Description - CEFN103-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEF860LT-G COMCHIP-CEF860LT-G Datasheet
69Kb / 4P
Efficient Fast Recovery Rectifiers
CEFA101-G COMCHIP-CEFA101-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFA201-G COMCHIP-CEFA201-G_12 Datasheet
61Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFB101-G COMCHIP-CEFB101-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFB201-G COMCHIP-CEFB201-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFC301-G COMCHIP-CEFC301-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CEFM101-G COMCHIP-CEFM101-G_12 Datasheet
98Kb / 4P
SMD Efficient Fast Recovery Rectifiers
CEFN103-HF COMCHIP-CEFN103-HF Datasheet
376Kb / 4P
SMD Efficient Fast Recovery Rectifiers
ACEFN103-HF COMCHIP-ACEFN103-HF Datasheet
126Kb / 4P
SMD Efficient Fast Recovery Rectifiers
logo
Formosa MS
FEGFM105-MS FORMOSA-FEGFM105-MS Datasheet
59Kb / 7P
SMD Fast Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com