Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFRA201-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CFRA201-G
Description  SMD Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRA201-G Datasheet(HTML) 4 Page - Comchip Technology

  CFRA201-G Datasheet HTML 1Page - Comchip Technology CFRA201-G Datasheet HTML 2Page - Comchip Technology CFRA201-G Datasheet HTML 3Page - Comchip Technology CFRA201-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BF009
Comchip Technology CO., LTD.
Page 4
REV:A
SMD Fast Recovery Rectifiers
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.157
(mm)
4.00
1.70
1.80
0.067
0.071
6.00
0.236
E
2.30
0.091
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
5,000
Reel Size
(inch)
13
A
B
C
D
DO-214AC (SMA)
DO-214AC (SMA)
A
B
C
E
D
Part Number
CFRA201-G
Marking Code
Marking Code
CFRA202-G
CFRA203-G
CFRA204-G
CFRA205-G
RS2AA
RS2BA
RS2DA
RS2JA
RS2MA
XXXXX
xxxxx= Product type marking code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com